Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-2M6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HSP061-2M6
Description  2-line ESD protection for high speed lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2M6 Datasheet(HTML) 2 Page - STMicroelectronics

  HSP061-2M6 Datasheet HTML 1Page - STMicroelectronics HSP061-2M6 Datasheet HTML 2Page - STMicroelectronics HSP061-2M6 Datasheet HTML 3Page - STMicroelectronics HSP061-2M6 Datasheet HTML 4Page - STMicroelectronics HSP061-2M6 Datasheet HTML 5Page - STMicroelectronics HSP061-2M6 Datasheet HTML 6Page - STMicroelectronics HSP061-2M6 Datasheet HTML 7Page - STMicroelectronics HSP061-2M6 Datasheet HTML 8Page - STMicroelectronics HSP061-2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
HSP061-2
2/12
DocID022777 Rev 2
1
Characteristics
Table 1. Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
8
kV
IEC 61000-4-2 air discharge
15
Ipp
Repetitive peak pulse current (8/20 µs)
3
A
Tj
Operating junction temperature range
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2. Electrical characteristics Tamb = 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
6
V
IRM
Leakage current
VRM = 3 V
100
nA
VCL
Clamping voltage
IEC 61000-4-2, +8 kV contact
(IPP = 30 A), measured at 30 ns
18
V
CI/O - GND
Capacitance (input/output to
ground)
VI/O = 0 V, F = 200 to 3000 MHz,
VOSC = 30 mV
0.6
0.85
pF
ΔCI/O - GND
Capacitance variation
(input/output to ground)
VI/O = 0 V F = 200 to 3000 MHz,
VOSC = 30 mV
0.03
0.13
pF
fC
Cut-off frequency
-3 dB
HSP061-2M6,
HSP061-2P6
5.5
GHz
HSP061-2N4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com