Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-2P6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HSP061-2P6
Description  2-line ESD protection for high speed lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2P6 Datasheet(HTML) 3 Page - STMicroelectronics

  HSP061-2P6 Datasheet HTML 1Page - STMicroelectronics HSP061-2P6 Datasheet HTML 2Page - STMicroelectronics HSP061-2P6 Datasheet HTML 3Page - STMicroelectronics HSP061-2P6 Datasheet HTML 4Page - STMicroelectronics HSP061-2P6 Datasheet HTML 5Page - STMicroelectronics HSP061-2P6 Datasheet HTML 6Page - STMicroelectronics HSP061-2P6 Datasheet HTML 7Page - STMicroelectronics HSP061-2P6 Datasheet HTML 8Page - STMicroelectronics HSP061-2P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID022777 Rev 2
3/12
HSP061-2
Characteristics
12
Figure 2. Leakage current versus junction
temperature (typical values)
Figure 3. S21 attenuation measurement
(HSP061-2P6, HSP061-2M6)
Tj (°C)
0.01
0.10
1.00
10.00
25
50
75
100
125
150
IR (nA)
V
R =VRM = 3 V
S21(db)
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 16.00
- 12.00
- 8.00
- 4.00
0.00
F(Hz)
Figure 4. S21 attenuation measurement
(HSP061-2N4)
Figure 5. Eye diagram - HDMI mask at 3.4 Gbps
per channel(1)
(HSP061-2P6)
1.
HDMI specification conditions. This information can be provided for other applications. Please contact your local ST office.
Figure 6. Eye diagram - HDMI mask at 3.4 Gbps
per channel(1)
(HSP061-2M6)
Figure 7. Eye diagram - HDMI mask at 3.4 Gbps
per channel(1)
(HSP061-2N4)
300k
1M
3M
10M
30M
100M 300M
1G
3G
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
IO1
IO2
S21 (dB)
F (Hz)
250 mV/div
49 ps/div
250 mV/div
49 ps/div
250 mV/div
49 ps/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com