Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2782CLYCS Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2782CLYCS
Description  Dual-Input Push Button Reset IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782CLYCS Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2782CLYCS Datasheet HTML 6Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 9Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 10Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 11Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 12Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 13Page - Micrel Semiconductor MIC2782CLYCS Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
MIC2782
February 21, 2014
10
Revision 2.0
Typical Applications
100k
VDD = 1.5V to 5.5V
LOAD SWITCH
or PMIC
or µP
/RESET
/MR2
/MR1
ANDOUT
/MR
GND
VDD
100k
PUSH-BUTTON
SWITCH
RESET
MIC2782
LOAD SWITCH
or PMIC
or µP
/RESET
0.1uF
Figure 3. Single Button application for MIC2782 used for Microcontroller Reset
/MR2
/MR1
PUSH-BUTTON
SWITCH
PUSH-BUTTON
SWITCH
100k
VDD = 1.5V to 5.5V
LOAD SWITCH
or PMIC
or µP
/RESET
/MR2
/MR1
ANDOUT
0.1uF
GND
VDD
100k
RESET
MIC2782
LOAD SWITCH
or PMIC
or µP
/RESET
Figure 4. Dual Button application for MIC2782 used for Microcontroller Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com