Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2782ELYCS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2782ELYCS
Description  Dual-Input Push Button Reset IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782ELYCS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2782ELYCS Datasheet HTML 1Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 2Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 3Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 4Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 5Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 6Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782ELYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
MIC2782
February 21, 2014
5
Revision 2.0
Typical Characteristics
VDD Supply Current
vs. Temperature
1.4
1.8
2.2
2.6
3.0
3.4
-40
-15
10
35
60
85
TEMPERATURE (°C)
VDD = 3.3V
/MR1 = NOT ASSERTED
/MR2 = NOT ASSERTED
VDD Supply Current
vs. Supply Voltage
1.2
2.0
2.8
3.6
4.4
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
TA = 25°C
/MR1 = NOT ASSERTED
/MR2 = NOT ASSERTED
Supply Current for /MR1 and
/MR2 Inputs Low
vs. Temperature
118
119
120
121
122
-40
-15
10
35
60
85
TEMPERATURE (°C)
VDD = 3.3V
/MR1 = /MR2 = GND
Supply Current for /MR1 and
/MR2 Inputs Low
vs. Supply Voltage
40
100
160
220
280
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
TA = 25°C
/MR1 = /MR2 = GND
Setup Period
vs. Temperature
9.8
10.0
10.2
10.4
10.6
-40
-15
10
35
60
85
TEMPERATURE (°C)
VDD = 3.3V
MIC2782ELYCS
Setup Period
vs. Supply Voltage
9.0
9.5
10.0
10.5
11.0
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
TA = 25°C
MIC2782ELYCS
Reset Timeout Period
vs. Temperature
0.40
0.45
0.50
0.55
0.60
-40
-15
10
35
60
85
TEMPERATURE (°C)
VDD = 3.3V
MIC2782ELYCS
Reset Timeout Period
vs. Supply Voltage
0.40
0.45
0.50
0.55
0.60
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
TA = 25°C
MIC2782ELYCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com