Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2782ERYCS Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2782ERYCS
Description  Dual-Input Push Button Reset IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782ERYCS Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2782ERYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 9Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 10Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 11Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 12Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 13Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 14Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Micrel, Inc.
MIC2782
February 21, 2014
11
Revision 2.0
Evaluation Board Schematic
RESET
MIC2782
GND
/MR2
/MR1
VDD
ANDOUT
0.1
µF
VDD
1.5V to 5.5V
100k
RESET
ANDOUT
R2
CBYP
U1
B2
A2
C2
A1
B1
J5
J4
SW2
/MR2
J7
J6
SW1
/MR1
J3
J2
J1
VDD
100k
R1
C1
PUSH-BUTTON
SWITCH
PUSH-BUTTON
SWITCH
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM188R71C104KA01D
(1)
Murata
0.1µF, 16V capacitor, X7R, 0603
1
R1, R2
CRCW0603100KJNEA
(2)
Vishay
100k, 5% resistor, 0603
2
U1
MIC2782ELYCS
(3)
Micrel, Inc.
Dual-Input Push Button Reset IC
1
Notes:
1. Murata Tel: www.murata.com.
2. Vishay Tel: www.vishay.com.
3. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com