Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23201 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC23201
Description  2MHz PWM 2A Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23201 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC23201 Datasheet HTML 9Page - Micrel Semiconductor MIC23201 Datasheet HTML 10Page - Micrel Semiconductor MIC23201 Datasheet HTML 11Page - Micrel Semiconductor MIC23201 Datasheet HTML 12Page - Micrel Semiconductor MIC23201 Datasheet HTML 13Page - Micrel Semiconductor MIC23201 Datasheet HTML 14Page - Micrel Semiconductor MIC23201 Datasheet HTML 15Page - Micrel Semiconductor MIC23201 Datasheet HTML 16Page - Micrel Semiconductor MIC23201 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Micrel Inc.
MIC23201
August 2012
13
M9999-082912-A
Application Information
The MIC23201 is a high performance DC/DC step down
regulator offering a small solution size. Supporting an
output current up to 2A inside a tiny 3mm x 3mm MLF
package and requiring only three external components,
the MIC23201 is able to maintain high efficiency
throughout the entire load range while providing ultra-
fast load transient response. The following sections
provide additional device application information.
Input Capacitor
A minimum of 4.7µF ceramic capacitor or greater should
be placed close to the VIN pin and PGND / GND pin for
bypassing but the recommended value of input capacitor
is 22µF. A X5R or X7R temperature rating is
recommended for the input capacitor. Y5V temperature
rating capacitors, aside from losing most of their
capacitance over temperature, can also become
resistive at high frequencies. This reduces their ability to
filter out high frequency noise.
Output Capacitor
The MIC23201 was designed for use with a minimum of
4.7µF or greater ceramic output capacitor. Increasing the
output capacitance will lower output ripple and improve
load transient response but could increase solution size
or cost. The recommended value of output capacitor is
22µF. A low equivalent series resistance (ESR) ceramic
output
capacitor
is
recommended
based
upon
performance, size and cost. Both the X7R or X5R
temperature rating capacitors are recommended. The
Y5V and Z5U temperature rating capacitors are not
recommended due to their wide variation in capacitance
over temperature and increased resistance at high
frequencies.
Inductor Selection
When selecting an inductor, it is important to consider
the following factors (not necessarily in the order of
importance):
Inductance
Rated current value
Size requirements
DC resistance (DCR)
The MIC23201 was designed for use with a 1µH to
2.2µH inductor. For faster transient response, a 1µH
inductor will yield the best result. For lower output ripple,
a 2.2µH inductor is recommended.
Maximum current ratings of the inductor are generally
given in two methods; permissible DC current and
saturation current. Permissible DC current can be rated
either for a 40°C temperature rise or a 10% to 20% loss
in inductance. Ensure the inductor selected can handle
the maximum operating current. When saturation current
is specified, make sure that there is enough margin so
that the peak current does not cause the inductor to
saturate. Peak current can be calculated as follows:
L
f
2
/V
V
1
V
I
I
IN
OUT
OUT
OUT
PEAK
As shown by the calculation above, the peak inductor
current is inversely proportional to the switching
frequency and the inductance; the lower the switching
frequency or the inductance the higher the peak current.
As input voltage increases, the peak current also
increases.
The size of the inductor depends on the requirements of
the application. Refer to the Typical Application Circuit
and Bill of Materials for details.
DC resistance (DCR) is also important. While DCR is
inversely proportional to size, DCR can represent a
significant efficiency loss. Refer to the Efficiency
Considerations.
Compensation
The MIC23201 is designed to be stable with a 1µH to
2.2µH inductor with a minimum of 4.7µF ceramic (X5R)
output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com