Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23451 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC23451
Description  3MHz, 2A Triple Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23451 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC23451 Datasheet HTML 9Page - Micrel Semiconductor MIC23451 Datasheet HTML 10Page - Micrel Semiconductor MIC23451 Datasheet HTML 11Page - Micrel Semiconductor MIC23451 Datasheet HTML 12Page - Micrel Semiconductor MIC23451 Datasheet HTML 13Page - Micrel Semiconductor MIC23451 Datasheet HTML 14Page - Micrel Semiconductor MIC23451 Datasheet HTML 15Page - Micrel Semiconductor MIC23451 Datasheet HTML 16Page - Micrel Semiconductor MIC23451 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Micrel, Inc.
MIC23451
November 5, 2013
13
Revision 1.2
Application Information
The MIC23451 is a triple high performance DC-to-DC
step down regulator offering a small solution size.
Supporting three outputs with currents up to 2A inside a
4mm × 4mm QFN package, the IC requires only five
external components per channel while meeting today’s
miniature portable electronic device needs. Using the
HyperLight Load switching scheme, the MIC23451 can
maintain high efficiency throughout the entire load range
while providing ultra-fast load transient response. The
following sections provide additional device application
information.
Input Capacitor
A 2.2µF or greater ceramic capacitor should be placed
close to the PVIN pin for each channel and its
corresponding PGND pin for bypassing. For example, the
Murata GRM188R60J475ME19D, size 0603, 4.7µF
ceramic capacitor is ideal, based on performance, size,
and cost. An X5R or X7R temperature rating is
recommended for the input capacitor. Y5V temperature
rating capacitors, in addition to losing most of their
capacitance over temperature, can also become resistive
at high frequencies. This reduces their ability to filter out
high-frequency noise.
Output Capacitor
The MIC23451 is designed for use with a 2.2µF or
greater ceramic output capacitor. Increasing the output
capacitance lowers output ripple and improves load
transient response, but could also increase solution size
or cost. A low equivalent series resistance (ESR) ceramic
output
capacitor,
such
as
the
Murata
GRM188R60J475ME84D, size 0603, 4.7µF ceramic
capacitor, is recommended based on performance, size,
and cost. Both the X7R or X5R temperature rating
capacitors are recommended. The Y5V and Z5U
temperature rating capacitors are not recommended due
to their wide variation in capacitance over temperature
and increased resistance at high frequencies.
Inductor Selection
When selecting an inductor, it is important to consider the
following factors (not necessarily in order of importance):
•
Inductance
•
Rated current value
•
Size requirements
•
DC resistance (DCR)
The MIC23451 is designed for use with a 0.47µH to
2.2µH inductor. For faster transient response, a 0.47µH
inductor yields the best result. On the other hand, a
2.2µH inductor yields lower output voltage ripple. For the
best compromise of these, a 1µH is generally
recommended.
Maximum current ratings of the inductor are generally
given in two forms: permissible DC current and saturation
current. Permissible DC current can be rated either for a
40°C temperature rise or a 10% to 20% loss in
inductance. Make sure the inductor selected can handle
the maximum operating current. When saturation current
is specified, make sure that there is enough margin, so
that the peak current does not cause the inductor to
saturate. Peak current can be calculated as shown in
Equation 2:


×
×
−
+
=
L
f
2
/V
V
1
V
I
I
IN
OUT
OUT
OUT
PEAK
Eq. 2
As Equation 2 shows, the peak inductor current is
inversely proportional to the switching frequency and the
inductance; the lower the switching frequency or the
inductance the higher the peak current. As input voltage
increases, the peak current also increases.
The size of the inductor depends on the requirements of
the application. Refer to the “Typical Application
Schematic” and “Bill of Materials” sections for details.
DC resistance (DCR) is also important. While DCR is
inversely proportional to size, DCR can represent a
significant efficiency loss. Refer to the “Efficiency
Considerations” section.
The transition between high loads (CCM) to HyperLight
Load (HLL) mode is determined by the inductor ripple
current and the load current, as shown in Figure 2.
Figure 2. Transition between CCM Mode and HLL Mode
The diagram shows the signals for high-side switch drive
(HSD) for TON control, the inductor current, and the low-
side switch drive (LSD) for TOFF control.
In HLL mode, the inductor is charged with a fixed TON
pulse on the high-side switch (HSD). After this, the LSD
is switched on and current falls at a rate of VOUT/L. The
controller remains in HLL mode while the inductor falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com