Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2001CM Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2001CM
Description  Low Power, 70 MHz Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2001CM Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2001CM Datasheet HTML 3Page - Elantec Semiconductor EL2001CM Datasheet HTML 4Page - Elantec Semiconductor EL2001CM Datasheet HTML 5Page - Elantec Semiconductor EL2001CM Datasheet HTML 6Page - Elantec Semiconductor EL2001CM Datasheet HTML 7Page - Elantec Semiconductor EL2001CM Datasheet HTML 8Page - Elantec Semiconductor EL2001CM Datasheet HTML 9Page - Elantec Semiconductor EL2001CM Datasheet HTML 10Page - Elantec Semiconductor EL2001CM Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL2001C
Low Power 70 MHz Buffer Amplifier
Burn-In Circuit
2001 – 9
Simplified Schematic
2001 – 10
Application Information
The EL2001 is a monolithic buffer amplifier built
on Elantec’s proprietary dielectric isolation pro-
cess that produces NPN and PNP transistors
with essentially identical DC and AC characteris-
tics The EL2001 takes full advantage of the com-
plementary process with a unique circuit topolo-
gy
Elantec has applied for two patents based on the
EL2001’s topology The patents relate to the base
drive and feedback mechanism in the buffer This
feedback makes 2000 V
ms slew rates with 100X
loads possible with very low supply current
Power Supplies
The EL2001 may be operated with single or split
supplies with total voltage difference between
10V (g5V) and 36V (g18V) It is not necessary
to use equal split value supplies For example
b
5V and a12V would be excellent for signals
from b2V to a9V
Bypass capacitors from each supply pin to
ground are highly recommended to reduce supply
ringing and the interference it can cause At a
minimum 1
mF tantalum capacitor with short
leads should be used for both supplies
Input Characteristics
The input to the EL2001 looks like a resistance in
parallel with about 35 picofarads in addition to a
DC bias current The DC bias current is due to
the miss-match in beta and collector current be-
tween the NPN and PNP transistors connected
to the input pin The bias current can be either
positive or negative The change in input current
with input voltage (RIN) is affected by the out-
put load beta and the internal boost RIN can
actually appear negative over portions of the in-
put range typical input current curves are shown
in the characteristic curves Internal clamp di-
odes from the input to the output are provided
These diodes protect the transistor base emitter
junctions and limit the boost current during slew
to avoid saturation of internal transistors The
diodes begin conduction at about g25V input to
output differential When that happens the input
resistance drops dramatically The diodes are rat-
ed at 50 mA When conducting they have a series
resistance of about 20
X There is also 100X in
series with the input that limits input current
Above g75V differential input to output addi-
tional series resistance should be added
Source Impedance
The EL2001 has good input to output isolation
When the buffer is not used in a feedback loop
capactive and resistive sources up to 1 Meg pres-
ent no oscillation problems Care must be used in
board layout to minimize output to input cou-
pling CAUTION When using high source im-
pedances (RS l 100 kX) significant gain errors
can be observed due to output offset load resis-
tor and the action of the boost circuit See typi-
cal performance curves
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com