Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2003C Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL2003C
Description  100MHz Video Line Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2003C Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL2003C Datasheet HTML 9Page - Elantec Semiconductor EL2003C Datasheet HTML 10Page - Elantec Semiconductor EL2003C Datasheet HTML 11Page - Elantec Semiconductor EL2003C Datasheet HTML 12Page - Elantec Semiconductor EL2003C Datasheet HTML 13Page - Elantec Semiconductor EL2003C Datasheet HTML 14Page - Elantec Semiconductor EL2003C Datasheet HTML 15Page - Elantec Semiconductor EL2003C Datasheet HTML 16Page - Elantec Semiconductor EL2003C Datasheet HTML 17Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
EL2003C, EL2033C
100MHz Video Line Driver
Video Distribution Amplifier
In this broadcast quality circuit, the EL2006C FET input
amplifier provides a very high input impedance so that it
may be used with a wide variety of signal sources
including video DACs, CCD cameras, video switches or
75
Ω cables. The EL2006C provides a voltage gain of 2.5
while the potentiometer allows the overall gain to be
adjusted to drive the standard signal levels into the back
matched 75
Ω cables. Back matching prevents multiple
reflections in the event that the remote end of the cable is
not properly terminated. The 1k pull up resistors reduce
the differential gain error from 0.15% to less than 0.1%.
Video Distribution Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com