Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33263 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC33263
Description  Buck Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33263 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC33263 Datasheet HTML 9Page - Micrel Semiconductor MIC33263 Datasheet HTML 10Page - Micrel Semiconductor MIC33263 Datasheet HTML 11Page - Micrel Semiconductor MIC33263 Datasheet HTML 12Page - Micrel Semiconductor MIC33263 Datasheet HTML 13Page - Micrel Semiconductor MIC33263 Datasheet HTML 14Page - Micrel Semiconductor MIC33263 Datasheet HTML 15Page - Micrel Semiconductor MIC33263 Datasheet HTML 16Page - Micrel Semiconductor MIC33263 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Micrel, Inc.
MIC33263/4
The output voltage can be programmed between 0.7V
and 5V using Equation 2:
 +
×
=
R2
R1
1
V
V
REF
OUT
Eq. 2
where:
R1 is the top resistor, R2 is the bottom resistor.
Table 1. Example Feedback Resistor Values
VOUT
R1
R2
1.2V
215k
301k
1.5V
301k
261k
1.8V
340k
215k
2.5V
274k
107k
3.3V
383k
102k
3.6V
422k
102k
5V
634k
102k
May 15, 2014
13
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com