Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W1063 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W1063
Description  Solutions for Mobile Phone Antennas
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W1063 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W1063 Datasheet HTML 1Page - Pulse A Technitrol Company W1063 Datasheet HTML 2Page - Pulse A Technitrol Company W1063 Datasheet HTML 3Page - Pulse A Technitrol Company W1063 Datasheet HTML 4Page - Pulse A Technitrol Company W1063 Datasheet HTML 5Page - Pulse A Technitrol Company W1063 Datasheet HTML 6Page - Pulse A Technitrol Company W1063 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G003.Y (6/11)
www.pulseelectronics.com
3
Pulse Jack
E l e c t r o n i c s
ANTENNAS
Part
Frequency
Mechanical
Cable
Application Standard
Number 4
Length 3
Length 3
W1049B030
2.4GHz
3.25/82.5
3/76
802.11b/g/n, Bluetooth, ZigBee
W1049B050
2.4GHz
3.25/82.5
5/127
802.11b/g/n, Bluetooth, ZigBee
W1049B070
2.4GHz
3.25/82.5
7/178
802.11b/g/n, Bluetooth, ZigBee
W1049B090
2.4GHz
3.25/82.5
9/229
802.11b/g/n, Bluetooth, ZigBee
W1049B120
2.4GHz
3.25/82.5
12/305
802.11b/g/n, Bluetooth, ZigBee
1. Antennas DO NOT come with bushing holders. Order separately if required. Part
Number: P4208-02A202
2. These part numbers are lead-free and RoHS compliant. No additional suffix or
identifier is required.
3. Inches/millimeters
4. Max Gain (2 dBi)
Single-Band Antenna with I-PEX Cable Assembly 1, 2
Part
VSWR
Insertion Loss
Cable
Connector Types
Number
2.4 GHz/6 GHz
2.4 GHz/6 GHz
Length 2
W9003
1.2/1.3
0.4 dB/0.8 dB
3/76
R-SMA Female to I-PEX
W9006M
1.1/1.3
0.6 dB/1.1 dB
6/150
SMA Female to I-PEX
W9009
1.2/1.4
0.8 dB/1.4 dB
9/229
R-SMA Female to I-PEX
W9011M
1.2/1.2
0.9 dB/1.8 dB
11/280 SMA Female to I-PEX
W9063B170
1.1/1.9
1.3 dB/2.4 dB
17/431 I-PEX to R-TNC Female
1. These part numbers are lead-free and RoHS compliant. No additional
suffix or identifier is required.
2. Inches/millimeters
Cable Assembly 1
Antennas for Wireless Access Point (continued)
Internal and Surface Mount
Antenna Solutions
Pulse offers a wide range of standardized internal and surface mount antennas (SMD) for wireless device applications. Pulse ceramic
technology results in robust antenna designs that have outstanding performance. These antennas have an inherent immunity to
surrounding antenna signals and hand-effect, which makes them exceptionally suitable solutions for small hand-held devices with
multiple antennas. Pulse helical antenna technology provides high-performance antennas in a small package that can be easily
deployed. These ceramic and helical antennas require minimal ground plane removal for operation, which means saved board space
and economical implementation. The SMD compatibility of Pulse’s antenna products makes them simple and easy to mount.
Helical Antennas
Ceramic Antennas
PCB Antenna
ANTENNAS FOR wIRELESS DEVICES (continued)
1. All antennas are RoHS Compliant 2. Impedance 50 W, operating temperature -40°C to +85°C 3. GC = Ground Clearance, mm
4. Millimeters (mm) 5. — = NA
6. Monopole antenna performance is linked to different tuning circuit recommendations for the variety of applications. Consult the data sheet for more information
Zigbee, ISM
Monopole
7x1.6x1.6
SMD GC 11x6
2400, 868, 1575
—
2.5 (peak)
75/-1.55
-18
Ceramic
and other
W30006 6
Zigbee, ISM
Monopole
10x3.2x4mm SMD, GC 10.8x6.25
2400
—
1.5 (peak)
75/-1.25
-6
Ceramic
and other
W3001 6
WLAN
3,2 (peak)
70/-1,55 (peak)
Dualband
10.0x3.2x1.5
SMD,
2400–2483.5
—
2,7 (band edges)
65/-1,85 (band edges)
-8
Ceramic
GC area 11.60x6.00
5150–5850
4,2 (peak)
80/-0,95 (peak)
-10
W3006
3,0 (band edges)
70/-1,55 (band edges)
Bluetooth
SMD,
1,7 (peak)
70/-1,6 (peak)
Ceramic
3.2x1.6x1.1
GC area 4.00x4.25
2400–2483.5
—
0,7 (band edges)
55/-2,6 (band edges)
-8
W3008
Bluetooth/
WLAN/WiFi
3.2x1.6x1.1
SMD,
2400–2483.5
—
2,2 (peak)
75/-1,3 (peak)
-11
Ceramic
GC area 4.00x6.25
1,9 (band edges)
70/-1,6 (band edges)
W3008c
GPS
SMD,
0.7 (peak)
3 (peak)
80/-1,25 (peak)
Ceramic
10.0x3.2x4.0
GC area 10.80x6.25
1575.42 ±10
0.3 (band edges)
2,5 (band edges)
70/-1,25 (band edges)
-10
W3009
Surface Mount Antennas for Wireless Devic es 1, 2
Application/
Antenna
Mount Type 3
Frequency
RHCP Gain 5
Max Gain
Efficiency
Return Loss
Part Number
Size 4
(mm)
Range (MHz)
(dBic)
(dBi)
(%/dB)
(dB MIN)
*Table for “SMD Antennas for Wireless Devices” continued on next page ➔



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com