Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9613 Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9613
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9613 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9613 Datasheet HTML 5Page - California Eastern Labs PS9613 Datasheet HTML 6Page - California Eastern Labs PS9613 Datasheet HTML 7Page - California Eastern Labs PS9613 Datasheet HTML 8Page - California Eastern Labs PS9613 Datasheet HTML 9Page - California Eastern Labs PS9613 Datasheet HTML 10Page - California Eastern Labs PS9613 Datasheet HTML 11Page - California Eastern Labs PS9613 Datasheet HTML 12Page - California Eastern Labs PS9613 Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PS9613,PS9613L
TAPING SPECIFICATIONS (UNIT: mm)
Tape Direction
Outline and Dimensions (Tape)
PS9613L-E3
PS9613L-E4
1.55±0.1
2.0±0.1
4.0±0.1
4.5 MAX.
10.4±0.1
12.0±0.1
1.5
+0.1
–0
4.0±0.1
0.3
Outline and Dimensions (Reel)
Packing: 1 000 pcs/reel
15.9 to 19.4
Outer edge of
flange
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
21.5±1.0
17.5±1.0
Data Sheet PN10073EJ02V0DS
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com