Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2072CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2072CS
Description  730 MHz Closed Loop Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2072CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2072CS Datasheet HTML 1Page - Elantec Semiconductor EL2072CS Datasheet HTML 2Page - Elantec Semiconductor EL2072CS Datasheet HTML 3Page - Elantec Semiconductor EL2072CS Datasheet HTML 4Page - Elantec Semiconductor EL2072CS Datasheet HTML 5Page - Elantec Semiconductor EL2072CS Datasheet HTML 6Page - Elantec Semiconductor EL2072CS Datasheet HTML 7Page - Elantec Semiconductor EL2072CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL2072C
730 MHz Closed Loop Buffer
DC Electrical Characteristics
VS e g5V RL e 100X RS e 50X unless otherwise specified
Contd
Parameter
Description
Test
Temp
Min
Typ
Max
Test
Units
Conditions
Level
RIN
Input Resistance
25 C
1000
1600
I
k
X
TMIN
500
V
k
X
TMAX
2000
V
k
X
CIN
Input Capacitance
25 C
16
22
IV
pF
TMIN TMAX
25
IV
pF
ROUT
Output Impedance (DC)
25 C
20
30
IV
X
TMIN TMAX
35
IV
X
IOUT
Output Current
25 C TMAX
500
700
II
mA
TMIN
450
V
mA
VOUT
Output Voltage Swing
RL e 100X
25 C TMAX
g
32
g
40
II
V
TMIN
g
30
V
V
AC Electrical Characteristics V
S
e g
5V RL e 100X RS e 50X unless otherwise specified
Parameter
Description
Test
Temp
Min
Typ
Max
Test
Units
Conditions
Level
FREQUENCY RESPONSE
SSBW
b
3 dB Bandwidth
25 C
4000
7300
V
MHz
(VOUT k 05 VPP)
TMIN
4000
IV
MHz
TMAX
3000
IV
MHz
LSBW
b
3 dB Bandwidth
25 C
550
900
IV
MHz
(VOUT e 50 VPP)
TMIN TMAX
500
IV
MHz
GAIN FLATNESS
GFPL
Peaking
k
200 MHz
25 C
00
05
V
dB
VOUT k 05 VPP
TMAX
06
IV
dB
TMIN
08
IV
dB
GFR
Rolloff
k
200 MHz
25 C
00
08
V
dB
VOUT k 05 VPP
TMIN
10
IV
dB
TMAX
12
IV
dB
GDL
Group Delay
k
200 MHz
25 C TMIN
075
10
IV
ns
TMAX
12
IV
ns
LPD
Linear Phase Deviation
k
200 MHz
25 C TMIN
07
15
IV
VOUT k 05 VPP
TMAX
20
IV
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com