Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9151-AX Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS9151-AX
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9151-AX Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS9151-AX Datasheet HTML 3Page - California Eastern Labs PS9151-AX Datasheet HTML 4Page - California Eastern Labs PS9151-AX Datasheet HTML 5Page - California Eastern Labs PS9151-AX Datasheet HTML 6Page - California Eastern Labs PS9151-AX Datasheet HTML 7Page - California Eastern Labs PS9151-AX Datasheet HTML 8Page - California Eastern Labs PS9151-AX Datasheet HTML 9Page - California Eastern Labs PS9151-AX Datasheet HTML 10Page - California Eastern Labs PS9151-AX Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PS9151
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85˚C
+50˚C
+25˚C
0˚C
–25˚C
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
VDD = 5.0 V,
VO < 1.0 V
VDD = 5.5 V
6
5
4
3
2
1
0
–50
–25
0
25
50
75
100
Ambient Temperature TA (˚C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
–50
–25
0
25
50
75
100
5
4
3
2
1
0
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
IDDL (IF = 10 mA)
IDDH (IF = 0 mA)
60
50
40
30
20
10
0
–10
–50
–25
0
25
50
75
100
Ambient Temperature TA (˚C)
tPHL, tPLH, tPHL–tPLH vs.
AMBIENT TEMPERATURE
IF = 10 mA,
VDD = 5.0 V,
CL = 15 pF
tPLH
tPHL
tPHL–tPLH
Forward Current IF (mA)
tPHL, tPLH, tPHL–tPLH vs.
FORWARD CURRENT
25
50
75
100
125
0
10
20
30
25
15
5
95
60
50
40
30
20
10
0
–10
–20
46
8
10
12
14
16
VDD = 5.0 V
tPLH
tPHL
tPHL–tPLH
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10659EJ02V0DS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com