Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9332L2 Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS9332L2
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L2 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS9332L2 Datasheet HTML 6Page - California Eastern Labs PS9332L2 Datasheet HTML 7Page - California Eastern Labs PS9332L2 Datasheet HTML 8Page - California Eastern Labs PS9332L2 Datasheet HTML 9Page - California Eastern Labs PS9332L2 Datasheet HTML 10Page - California Eastern Labs PS9332L2 Datasheet HTML 11Page - California Eastern Labs PS9332L2 Datasheet HTML 12Page - California Eastern Labs PS9332L2 Datasheet HTML 13Page - California Eastern Labs PS9332L2 Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PS9332L, PS9332L2
Chapter Title
R08DS0105EJ0100 Rev.1.00
Page 10 of 18
Sep 06, 2013
Ambient Temperature TA (
°C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
2.5
1.5
2.0
1.0
0.5
0.0
Ambient Temperature TA (
°C)
Supply Voltage VCC (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
15
20
30
25
2.5
2.0
0.0
0.5
1.0
1.5
ICCL (IF = 0 mA)
HIGH LEVEL OUTPUT VOLTAGE – SUPPLY
VOLTAGE vs. AMBIENT TEMPERATURE
0.0
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
-25
0
25
50
100
75
-50
125
150
-25
0
25
50
100
75
-50
125
150
-25
0
25
50
100
75
-50
125
150
-25
0
25
50
100
75
-50
125
150
-25
0
25
50
100
75
-50
125
150
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
0.25
0.0
0.05
0.10
0.15
0.20
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 30 V,
VEE = GND,
VO = OPEN
VEE = GND,
VO = OPEN
VCC = 30 V, VEE = GND,
IF = 10 mA, IO = –100 mA
VCC = 30 V, VEE = GND,
IF = 0 mA, IO = 100 mA
VCC = 30 V, VEE = GND,
IF = 10 mA, VCC–VO = 4 V
VCC = 30 V, VEE = GND,
IF = 0 mA, VO = 2.5 V
ICCL (IF = 0 mA)
ICCH (IF = 10 mA)
ICCH (IF = 10 mA)
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com