Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9332L-AX Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9332L-AX
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L-AX Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9332L-AX Datasheet HTML 2Page - California Eastern Labs PS9332L-AX Datasheet HTML 3Page - California Eastern Labs PS9332L-AX Datasheet HTML 4Page - California Eastern Labs PS9332L-AX Datasheet HTML 5Page - California Eastern Labs PS9332L-AX Datasheet HTML 6Page - California Eastern Labs PS9332L-AX Datasheet HTML 7Page - California Eastern Labs PS9332L-AX Datasheet HTML 8Page - California Eastern Labs PS9332L-AX Datasheet HTML 9Page - California Eastern Labs PS9332L-AX Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PS9332L, PS9332L2
Chapter Title
R08DS0105EJ0100 Rev.1.00
Page 6 of 18
Sep 06, 2013
TEST CIRCUIT
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
SHIELD
1
4
3
2
8
5
6
7
Fig. 1 IOH Test Circuit
Fig. 2 IOL Test Circuit
Fig. 3 VOH Test Circuit
Fig. 4 VOL Test Circuit
Fig. 5 UVLO Test Circuit
Fig. 6 IFLH Test Circuit
Fig. 7 tPLH/tPHL/tr/tfTest Circuit and Wave Forms
Vcc
IOH
IF
IF
IF
IF
Vcc
Vcc
Vcc
2.5V
Vcc
Vcc
Vo > 5V
Vo
Vcc
Vo
tPHL
tPLH
IF
VO
80%
50%
20%
tr
tf
1 F
1 F
1 F
1 F
1 F
1 F
1 F
10nF
IOL
10nF
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com