Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2075CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2075CS
Description  2GHz GBWP Gain-of-10 Stable Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2075CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2075CS Datasheet HTML 1Page - Elantec Semiconductor EL2075CS Datasheet HTML 2Page - Elantec Semiconductor EL2075CS Datasheet HTML 3Page - Elantec Semiconductor EL2075CS Datasheet HTML 4Page - Elantec Semiconductor EL2075CS Datasheet HTML 5Page - Elantec Semiconductor EL2075CS Datasheet HTML 6Page - Elantec Semiconductor EL2075CS Datasheet HTML 7Page - Elantec Semiconductor EL2075CS Datasheet HTML 8Page - Elantec Semiconductor EL2075CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
EL2075C
2GHz GBWP Gain-of-10 Stable Operational Amplifier
Closed Loop AC Electrical Characteristics
VS = ±5V, AV = +20, Rf = 1500Ω, RL = 100Ω unless otherwise specified.
Parameter
Description
Test Conditions
Temp
Min
Typ
Max
Unit
SSBW
-3dB Bandwidth
(VOUT = 0.4VPP)
AV = +10
25°C
400
MHz
AV = +20
25°C
150
200
MHz
TMIN, TMAX
125
MHz
AV = +50
25°C
40
MHz
GBWP
Gain-Bandwidth Product
AV = +100
25°C
2.0
GHz
LSBWa
-3dB Bandwidth
VOUT = 2VPP [1]
All
80
128
MHz
LSBWb
-3dB Bandwidth
VOUT = 5VPP [1]
All
32
50
MHz
GFPL
Peaking (<50MHz)
VOUT = 0.4VPP
25°C
0
0.5
dB
TMIN, TMAX
0.5
dB
GFPH
Peaking (>50MHz)
VOUT = 0.4VPP
25°C
0
1
dB
TMIN, TMAX
1
dB
GFR
Rolloff (<100MHz)
VOUT = 0.4VPP
25°C
0.1
0.5
dB
TMIN, TMAX
0.5
dB
LPD
Linear Phase Deviation (<100MHz)
VOUT = 0.4VPP
All
1
1.8
°
PM
Phase Margin
AV = +10
25°C
60
°
tr1, tf1
Rise Time, Fall Time
0.4V Step, AV = +10
25°C
1.2
ns
tr2, tf2
Rise Time, Fall Time
5V Step, AV = +10
25°C
6
ns
ts1
Settling to 0.1% (AV = -20)
2V Step
25°C
13
ns
ts2
Settling to 0.01% (AV = -20)
2V Step
25°C
25
ns
OS
Overshoot
2V Step, AV = +10
25°C
10
%
SR
Slew Rate
2V Step, AV = +10
All
500
800
V/µs
DISTORTION [2]
HD2
2nd Harmonic Distortion
@ 20MHz, AV = +20
25°C
-40
-30
dBc
TMIN, TMAX
-30
dBc
HD3
3rd Harmonic Distortion
@ 20MHz, AV = +20
25°C
-65
-50
dBc
TMIN, TMAX
-50
dBc
1. Large-signal bandwidth calculated using LSBW = Slew Rate / (2¼ • VPEAK).
2. All distortion measurements are made with VOUT = 2VPP, RL = 100¾.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com