Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTS3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADTS3
Description  3.5 x 6mm TACT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADTS3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADTS3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADTS3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADTS3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
SOLDERING PROCESSES
320ºC max. for 2.5 seconds max. (30 watt iron).
260ºC max.
360ºC max. for 5 seconds max (1.6 mm Board thickness).
HOW TO ORDER
ADTS
3
V
B = Tube Package
T/R = Tape & Reel
= Bag for Thru-hole type
Color Of Stem For Operating Force:
N = Brown, 160gf
R = Red, 260gf
S = Salmon, 320gf
Y = Yellow, 520gf
Dimension H:
1 = 4.3mm
2 = 5.0mm
M: Surface Mounting Type
ML: Surface Mounting Type
: Through Hole Type
CIRCUIT
HAND SOLDERING:
REFLOW SOLDERING:
WAVE SOLDERING:
Product Size: 3 = 3.5 x 6mm
V = Lead Free Solerable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com