Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126C Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2126C
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2126C Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2126C Datasheet HTML 3Page - Elantec Semiconductor EL2126C Datasheet HTML 4Page - Elantec Semiconductor EL2126C Datasheet HTML 5Page - Elantec Semiconductor EL2126C Datasheet HTML 6Page - Elantec Semiconductor EL2126C Datasheet HTML 7Page - Elantec Semiconductor EL2126C Datasheet HTML 8Page - Elantec Semiconductor EL2126C Datasheet HTML 9Page - Elantec Semiconductor EL2126C Datasheet HTML 10Page - Elantec Semiconductor EL2126C Datasheet HTML 11Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
EL2126C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
Closed Loop Output Impedance vs Frequency
100
10
1
0.1
0.01
10k
1M
100M
Frequency (Hz)
Bandwidth and Peaking vs Temperature
120
100
60
40
20
0
-40
40
160
Temperature
100k
10M
VS=±5V
VS=±5V
80
80
0
120
3.5
3
2.5
2
1.5
1
0.5
0
-0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com