Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2142CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2142CS
Description  Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2142CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2142CS Datasheet HTML 1Page - Elantec Semiconductor EL2142CS Datasheet HTML 2Page - Elantec Semiconductor EL2142CS Datasheet HTML 3Page - Elantec Semiconductor EL2142CS Datasheet HTML 4Page - Elantec Semiconductor EL2142CS Datasheet HTML 5Page - Elantec Semiconductor EL2142CS Datasheet HTML 6Page - Elantec Semiconductor EL2142CS Datasheet HTML 7Page - Elantec Semiconductor EL2142CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL2142C
Differential Line Receiver
AC Electrical Characteristics
(VCCea5V VEEeb5V TAe25C VINe0V RLOADe100 unless otherwise specified)
Parameter
Description
Min
Typ
Max
Test
Units
Level
BW(b3dB)
b
3 dB Bandwidth (Gain e1)
150
V
MHz
SR
Slewrate
400
V
V
ms
Tstl
Settling time to 1%
15
V
ns
GBWP
Gain bandwidth product
200
V
MHz
VREFBW(b3 dB)
VREF b3dB Bandwidth
130
V
MHz
VREFSR
VREF Slewrate
100
V
V
msec
dG
Differential gain at 358 MHz
02
V
%
d
i
Differential phase at 358 MHz
02
V
Pin Description
Pin Number
Pin Name
Function
1VFB
Feedback input
2VIN
Non-inverting input
3VINB
Inverting input
4VREF
Sets output voltage level to VREF when VINeVINB
5NC
6VCC
Positive supply voltage
7VEE
Negative supply voltage
8VOUT
Output voltage
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com