Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2176CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2176CS
Description  70 MHz/1 mA Current Mode Feedback Amp w/Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2176CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2176CS Datasheet HTML 1Page - Elantec Semiconductor EL2176CS Datasheet HTML 2Page - Elantec Semiconductor EL2176CS Datasheet HTML 3Page - Elantec Semiconductor EL2176CS Datasheet HTML 4Page - Elantec Semiconductor EL2176CS Datasheet HTML 5Page - Elantec Semiconductor EL2176CS Datasheet HTML 6Page - Elantec Semiconductor EL2176CS Datasheet HTML 7Page - Elantec Semiconductor EL2176CS Datasheet HTML 8Page - Elantec Semiconductor EL2176CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
EL2176CEL2276C
70 MHz1 mA Current Mode Feedback Amp wDisable
Absolute Maximum Ratings (T
A
e
25 C)
Voltage between VSa and VSb
a
126V
Common-Mode Input Voltage
VSb to VSa
Differential Input Voltage
g
6V
Current into aIN or bIN
g
75 mA
Internal Power Dissipation
See Curves
Operating Ambient Temperature Range
b
40 Cto a85 C
Operating Junction Temperature
Plastic Packages
150 C
Output Current (EL2176C)
g
120 mA
Output Current (EL2276C)
g
60 mA
Storage Temperature Range
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics
VS e g5V RL e 150X ENABLE e 0V TA e 25 C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
VOS
Input Offset Voltage
25
15
I
mV
TCVOS
Average Input Offset Voltage Drift
Measured from TMIN to TMAX
5V
mV C
dVOS
VOS Matching
EL2276C only
05
V
mV
a
IIN
a
Input Current
05
5
I
mA
daIIN
a
IIN Matching
EL2276C only
20
V
nA
b
IIN
b
Input Current
4
15
I
mA
dbIIN
b
IIN Matching
EL2276C only
15
V
mA
CMRR
Common Mode Rejection Ratio
VCM e g35 V
45
50
I
dB
b
ICMR
b
Input Current Common Mode Rejection
VCM e g35V
4
10
I
mAV
PSRR
Power Supply Rejection Ratio
VS is moved from g4V to g6V
60
70
I
dB
b
IPSR
b
Input Current Power Supply Rejection
VS is moved from g4V to g6V
05
5
I
mAV
ROL
Transimpedance
VOUT e g25V
150
400
I
k
X
a
RIN
a
Input Resistance
VCM e g35V
1
4
I
M
X
a
CIN
a
Input Capacitance
12
V
pF
CMIR
Common Mode Input Range
g
35
g
40
I
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com