Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2180CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2180CS
Description  250MHz / 3mA Current Mode Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2180CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2180CS Datasheet HTML 1Page - Elantec Semiconductor EL2180CS Datasheet HTML 2Page - Elantec Semiconductor EL2180CS Datasheet HTML 3Page - Elantec Semiconductor EL2180CS Datasheet HTML 4Page - Elantec Semiconductor EL2180CS Datasheet HTML 5Page - Elantec Semiconductor EL2180CS Datasheet HTML 6Page - Elantec Semiconductor EL2180CS Datasheet HTML 7Page - Elantec Semiconductor EL2180CS Datasheet HTML 8Page - Elantec Semiconductor EL2180CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
EL2180C/EL2280C/EL2480C-Preliminary
250MHz / 3mA Current Mode Feedback Amplifiers
Connection Diagrams (Continued)
tPD
Propagation Delay
VOUT = ±500 mV
1.5
ns
OS
Overshoot
VOUT = ±500 mV
3.0
%
tS
0.1% Settling
VOUT = ±2.5V, AV = -1
15
ns
dG
Differential Gain
AV = +2, RL = 150Ω [1]
0.05
%
dP
Differential Phase
AV = +2, RL = 150Ω [1]
0.05
°
dG
Differential Gain
AV = +1, RL = 500Ω [1]
0.01
%
dP
Differential Phase
AV = +1, RL = 500Ω [1]
0.01
°
CS
Channel Separation
EL2280C, EL2480C only, f = 5 MHz
85
dB
1. DC offset from 0V to 0.714V, AC amplitude 286mVP-P, f = 3.58MHz
AC Electrical Characteristics
VS = ±5V, RF = RG = 750Ω for PDIP and SO packages, RF = RG = 560Ω for SOT23-5 package, RL = 150Ω, TA = 25°C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Unit
1
2
3
4
14
13
12
11
5
6
7
10
9
8
EL2480C
(14-Pin SO & 14-Pin PDIP)
19
18
17
16
15
14
13
1
2
3
4
5
6
7
EL2480C
(24-Pin LPP - Top View)
Thermal Pad
NC
INA+
NC
VS+
NC
INB+
NC
NC
IND+
NC
VS-
NC
INC+
NC
1
2
3
5
4
EL2180C
(5-Pin SOT23)
OUT
GND
IN+
VS+
IN-
-
+
OUTA
INA-
INA+
VS+
OUTD
IND-
IND+
VS-
INB+
INB-
OUTB
INC+
INC-
OUTC
- +
-
+
- +
-
+
B
C
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com