Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4957 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC4957
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4957 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC4957 Datasheet HTML 1Page - California Eastern Labs 2SC4957 Datasheet HTML 2Page - California Eastern Labs 2SC4957 Datasheet HTML 3Page - California Eastern Labs 2SC4957 Datasheet HTML 4Page - California Eastern Labs 2SC4957 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet PU10520EJ01V0DS
3
2SC4957
TYPICAL CHARACTERISTICS (TA = +25°C, unless otherwise specified)
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector Current IC (mA)
COLLECTOR CURRENT
DC CURRENT GAIN vs.
Collector Current IC (mA)
vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Base Voltage VCB (V)
vs. COLLECTOR TO BASE VOLTAGE
REVERSE TRANSFER CAPACITANCE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
200
100
0
50
100
150
180 mW
Free Air
0.1
0.5
0.2
0.3
0.4
0.5
1
2
5
10
20
f = 1 MHZ
50
40
30
20
10
0
0.5
1.0
VCE = 3 V
60
0
1
500 A
400 A
300 A
200 A
IB = 100 A
50
40
30
20
10
2345
6
μ
μ
μ
μ
μ
0.1
200
100
0
0.2 0.5 1 2
5 10 20
50 100
VCE = 3 V
VCE = 5 V
14
0.5
12
10
8
6
4
2
1
2
5
10
20
50
VCE = 1 V
f = 2 GHZ
VCE = 3 V
VCE = 5 V
Remark The graphs indicate nominal characteristics.
NE68539 /



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com