Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2186CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2186CS
Description  250MHz/3mA Current Mode Feedback Amp w/Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2186CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL2186CS Datasheet HTML 2Page - Elantec Semiconductor EL2186CS Datasheet HTML 3Page - Elantec Semiconductor EL2186CS Datasheet HTML 4Page - Elantec Semiconductor EL2186CS Datasheet HTML 5Page - Elantec Semiconductor EL2186CS Datasheet HTML 6Page - Elantec Semiconductor EL2186CS Datasheet HTML 7Page - Elantec Semiconductor EL2186CS Datasheet HTML 8Page - Elantec Semiconductor EL2186CS Datasheet HTML 9Page - Elantec Semiconductor EL2186CS Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
EL2186C, EL2286C
250MHz/3mA Current Mode Feedback Amp w/Disable
Voltage and Current
Noise vs Frequency
2nd and 3rd Harmonic
Distortion vs Frequency
Output Voltage
Swing vs Frequency
-3dB Bandwidth and Peaking
vs Supply Voltage for
Various Non-Inverting Gains
-3dB Bandwidth and Peaking
vs Supply Voltage for
Various Inverting Gains
Output Voltage Swing
vs Supply Voltage
Supply Current vs
Supply Voltage
Common-Mode Input Range
vs Supply Voltage
Slew Rate vs
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com