Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW6020G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6020G
Description  GaAs SPST Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6020G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW6020G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6020G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPST Switch
DC - 6.0 GHz
Rev. V5
MASW6020G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: 0 / -5 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input P1dB
Above 500 MHz - 0/-5V / 0/-8V
100 MHz - 0/-5V / 0/-8V
dBm
—
—
+27 / +33
+21 / +26
—
—
IP2
Two Tone Input Power up to +5 dBm
Above 500 MHz
100 MHz
dBm
—
—
+68
+62
—
—
IP3
Two Tone Input Power up to +5 dBm
Above 500 MHz
100 MHz
dBm
—
—
+46
+40
—
—
Control Current
VIN Low (0 to –0.2 V)
VOUT High (-5 V @ 50 µA Typ to –8 V)
µA
—
—
—
—
20
300
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
ns
—
10
—
TON, TOFF
50% control to 90% RF, and 50% control to 10% RF
ns
—
10
—
Insertion Loss
DC - 1.0 GHz
L/T/H
DC - 2.0 GHz
L/T/H
DC - 6.0 GHz
L/T/H
dB
—
—
—
0.8 /1.0/0.9
0.9/1.1/1.0
2.5/2.7/2.5
—
—
—
Isolation
DC - 1.0 GHz
L/T/H
DC - 2.0 GHz
L/T/H
DC - 6.0 GHz
L/T/H
dB
—
—
—
30/63/64
22/46/52
11/14/19
—
—
—
VSWR
DC - 1.0 GHz
L/T/H
DC - 2.0 GHz
L/T/H
DC - 6.0 GHz
L/T/H
Ratio
—
—
—
1.1:1/1.1:1/1.1:1
1.3:1/1.2:1/1.1:1
2.0:1/2.7:1/2.0:1
—
—
—
Transients
(In Band)
mV
—
10
—
Option
Control Voltage
Switch Condition & Bonding
Ground Bonds
A
B
RF1
RF2
ALT
GND1
GND2
Term
T
1
0
on
on
G
G
0
1
off
off
G
G
L
1
0
on
on
G
G
0
1
off
off
G
G
1
0
on
on
G
G
0
1
off
off
G
G
H
Truth Table
4,5
4.
Differential voltage, V (state 1) -V (state 2), must be 2.5 V minimum.
5.
0 = 0 to –0.2 V, 1 = -5 V @ 10 µA typical to -8 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com