Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2228CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2228CS
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2228CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2228CS Datasheet HTML 4Page - Elantec Semiconductor EL2228CS Datasheet HTML 5Page - Elantec Semiconductor EL2228CS Datasheet HTML 6Page - Elantec Semiconductor EL2228CS Datasheet HTML 7Page - Elantec Semiconductor EL2228CS Datasheet HTML 8Page - Elantec Semiconductor EL2228CS Datasheet HTML 9Page - Elantec Semiconductor EL2228CS Datasheet HTML 10Page - Elantec Semiconductor EL2228CS Datasheet HTML 11Page - Elantec Semiconductor EL2228CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
EL2228C - Preliminary
Dual Low Noise Amplifier
Typical Performance Curves
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (VS=±2.5V)
-50
-60
-70
-80
-90
-100
-110
Output Swing (VPP)
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (VS=±12V)
-40
-50
-60
-70
-80
-90
-100
0
8
Output Swing (VPP)
20
12
4
16
2ndH
3rdH
0
1
2.5
1.5
0.5
2
2ndH
3rdH
Voltage and Current Noise vs Frequency
18
16
14
12
10
8
6
4
2
0
10
100
10k
Frequency (Hz)
100k
Channel to Channel Isolation vs Frequency
0
-20
-40
-60
-80
-100
100k
1M
10M
Frequency (Hz)
100M
A
→ B
B
→ C
1k
EN
IN
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (single-ended)
-50
-60
-80
-100
-110
Output Swing (VPP)
20
4
8
12
16
0
-120
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (single-ended)
-50
-60
-80
-90
-100
Output Swing (VPP)
2.5
0.5
1
1.5
2
0
-110
VS=±12V
AV=2
RF=420Ω
-70
-90
2nd HD
3rd HD
VS=±2.5V
AV=2
RF=420Ω
-70
2nd DUT
3rd DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com