Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2245CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2245CS
Description  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2245CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2245CS Datasheet HTML 1Page - Elantec Semiconductor EL2245CS Datasheet HTML 2Page - Elantec Semiconductor EL2245CS Datasheet HTML 3Page - Elantec Semiconductor EL2245CS Datasheet HTML 4Page - Elantec Semiconductor EL2245CS Datasheet HTML 5Page - Elantec Semiconductor EL2245CS Datasheet HTML 6Page - Elantec Semiconductor EL2245CS Datasheet HTML 7Page - Elantec Semiconductor EL2245CS Datasheet HTML 8Page - Elantec Semiconductor EL2245CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL2245C/EL2445C are dual and quad versions of the popular
EL2045C. They are high speed, low power, low cost monolithic oper-
ational amplifiers built on Elantec's proprietary complementary
bipolar process. The EL2245C/EL2445C are gain-of-2 stable and fea-
ture a 275V/µs slew rate and 100MHz bandwidth at gain-of-2 while
requiring only 5.2mA of supply current per amplifier.
The power supply operating range of the EL2245C/EL2445C is from
±18V down to as little as ±2V. For single-supply operation, the
EL2245C/EL2445C operate from 36V down to as little as 2.5V. The
excellent power supply operating range of the EL2245C/EL2445C
makes them an obvious choice for applications on a single +5V or
+3V supply.
The EL2245C/EL2445C also feature an extremely wide output volt-
age swing of ±13.6V with VS = ±15V and RL = 1000Ω. At ±5V,
output voltage swing is a wide ±3.8V with RL = 500Ω and ±3.2V with
RL = 150Ω. Furthermore, for single-supply operation at +5V, output
voltage swing is an excellent 0.3V to 3.8V with RL = 500Ω.
At a gain of +2, the EL2245C/EL2445C have a -3dB bandwidth of
100MHz with a phase margin of 50°. They can drive unlimited load
capacitance, and because of their conventional voltage-feedback
topology, the EL2245C/EL2445C allow the use of reactive or non-lin-
ear elements in their feedback network. This versatility combined with
low cost and 75mA of output-current drive make the
EL2245C/EL2445C an ideal choice for price-sensitive applications
requiring low power and high speed.
Connection Diagrams
EL2245CN/CS Dual
EL2445CN/CS Quad
Features
• 100MHz gain-bandwidth at gain-
of-2
• Gain-of-2 stable
• Low supply current (per amplifier)
= 5.2mA at VS = ±15V
• Wide supply range
= ±2V to ±18V dual-supply
= 2.5V to 36V single-supply
• High slew rate = 275V/µs
• Fast settling = 80ns to 0.1% for a
10V step
• Low differential gain = 0.02% at
AV = +2, RL = 150Ω
• Low differential phase = 0.07° at
AV = +2, RL = 150Ω
• Stable with unlimited capacitive
load
• Wide output voltage swing
=±13.6V with VS = ±15V,
RL = 1000Ω
= 3.8V/0.3V with VS = +5V,
RL = 500Ω
Applications
• Video amplifier
• Single-supply amplifier
• Active filters/integrators
• High-speed sample-and-hold
• High-speed signal processing
• ADC/DAC buffer
• Pulse/RF amplifier
• Pin diode receiver
• Log amplifier
• Photo multiplier amplifier
• Difference amplifier
Ordering Information
Part No.
Temp. Range
Package
Outline #
EL2245CN
-40°C to +85°C
8-Pin P-DIP
MDP0031
EL2245CS
-40°C to +85°C
8-Lead SO
MDP0027
EL2445CN
-40°C to +85°C
14-Pin P-DIP
MDP0031
EL2445CS
-40°C to +85°C
14-Lead SO
MDP0027
EL2245C, EL2445C
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp


Similar Part No. - EL2245CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2245CS INTERSIL-EL2245CS Datasheet
244Kb / 12P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
March 27, 2002
EL2245CS-T13 INTERSIL-EL2245CS-T13 Datasheet
244Kb / 12P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
March 27, 2002
EL2245CS-T7 INTERSIL-EL2245CS-T7 Datasheet
244Kb / 12P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
March 27, 2002
More results

Similar Description - EL2245CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
March 27, 2002
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
Low Cost, Gain of 2, Video Op Amp
November 14, 2002
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
Low Power Quad OP AMP
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com