Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2250CS Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL2250CS
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2250CS Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL2250CS Datasheet HTML 9Page - Elantec Semiconductor EL2250CS Datasheet HTML 10Page - Elantec Semiconductor EL2250CS Datasheet HTML 11Page - Elantec Semiconductor EL2250CS Datasheet HTML 12Page - Elantec Semiconductor EL2250CS Datasheet HTML 13Page - Elantec Semiconductor EL2250CS Datasheet HTML 14Page - Elantec Semiconductor EL2250CS Datasheet HTML 15Page - Elantec Semiconductor EL2250CS Datasheet HTML 16Page - Elantec Semiconductor EL2250CS Datasheet HTML 17Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
EL2250C, EL2450C
125MHz Single Supply Dual/Quad Op Amps
Figures 3 through 6 below show total single supply volt-
age VS vs. RL for various output voltage swings for the
PDIP and SO packages. The curves assume WORST
CASE conditions of TA = +85°C and IS = 6.5mA per
amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com