Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2257CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2257CS
Description  125 MHz Single Supply, Clamping Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2257CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2257CS Datasheet HTML 1Page - Elantec Semiconductor EL2257CS Datasheet HTML 2Page - Elantec Semiconductor EL2257CS Datasheet HTML 3Page - Elantec Semiconductor EL2257CS Datasheet HTML 4Page - Elantec Semiconductor EL2257CS Datasheet HTML 5Page - Elantec Semiconductor EL2257CS Datasheet HTML 6Page - Elantec Semiconductor EL2257CS Datasheet HTML 7Page - Elantec Semiconductor EL2257CS Datasheet HTML 8Page - Elantec Semiconductor EL2257CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
EL2257C/EL2357C
125 MHz Single Supply, Clamping Op Amps
VOP
Positive Output Voltage Swing
VS=+12V, AV=+1, RL=1 kΩ to 0V
10.8
V
V
VS=+12V, AV=+1, RL=150Ω to 0V
9.6
10.0
I
V
VS=±5V, AV=+1, RL=1 kΩ to 0V
4.0
V
V
VS=±5V, AV=+1, RL=150Ω to 0V
3.4
3.8
I
V
VS=+3V, AV=+1, RL=150Ω to 0V
1.8
1.95
I
V
VON
Negative Output Voltage Swing
VS=+12V, AV=+1, RL=150Ω to 0V
5.5
8
I
mV
VS=±5V, AV=+1, RL=1 kΩ to 0V
-4.0
V
V
VS=±5V, AV=+1, RL=150Ω to 0V
-3.7
-3.4
I
V
IOUT
Output Current [1]
VS=±5V, AV=+1, RL=10Ω to 0V
±75
±100
I
mA
VS=±5V, AV=+1, RL=50Ω to 0V
±60
V
mA
IOUT,OFF
Output Current, Disabled
VENABLE=+0.5V
0
20
I
µA
VIH-EN
ENABLE pin Voltage for Power Up
Relative to GND Pin
2.0
I
V
VIL-EN
ENABLE pin Voltage for Shut Down
Relative to GND Pin
0.5
I
V
IIH-EN
ENABLE pin Input Current-High
[2]
VS=VCLAMP=+12V, VENABLE=+12V
340
410
I
µA
IIL-EN
ENABLE pin Input Current-Low [2]
VS=VCLAMP=+12V, VENABLE=+0.5V
0
1
I
µA
VOR-CL
Voltage Clamp Operating Range
[3]
Relative to GND Pin
1.2
VOP
IV
VACC-CL
CLAMP Accuracy
[4]
VIN=+4V, RL=1 kΩ to GND
VCLAMP=+1.5V and +3.5V
-250
100
250
I
mV
IIH-CL
CLAMP pin Input Current - High
VS=VCLAMP=+12V
12
25
I
µA
IIL-CL
CLAMP pin Input Current - Low / Per
Amplifier
VS=+12V, VCLAMP=+1.2V
-30
-15
I
µA
1.
Internal short circuit protection circuitry has been built into the EL2257C/EL2357C. See the Applications section.
2.
If the disable feature is not desired, tie the ENABLE pins to the VS pin, or apply a logic high level to the ENABLE pins.
3.
The maximum output voltage that can be clamped is limited to the maximum positive output Voltage, or VOP. Applying a Voltage higher than VOP
inactivates the clamp. If the clamp feature is not desired, either tie the CLAMP pin to the VS pin, or simply let the CLAMP pin float.
4.
The clamp accuracy is affected by VIN and RL. See the Typical Curves Section and the Clamp Accuracy vs. VIN and RL curve.
DC Electrical Characteristics (Continued)
VS=+5V, GND=0V, TA=25°C, VCM=1.5V, VOUT=1.5V, VCLAMP=+5V, VENABLE=+5V, unless otherwise specified.
Parameter
Description
Test Conditions
Min
Typ
Max
Test
Level
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com