Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2260CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2260CS
Description  Dual/Quad 130 MHz Current Feedback Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2260CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2260CS Datasheet HTML 1Page - Elantec Semiconductor EL2260CS Datasheet HTML 2Page - Elantec Semiconductor EL2260CS Datasheet HTML 3Page - Elantec Semiconductor EL2260CS Datasheet HTML 4Page - Elantec Semiconductor EL2260CS Datasheet HTML 5Page - Elantec Semiconductor EL2260CS Datasheet HTML 6Page - Elantec Semiconductor EL2260CS Datasheet HTML 7Page - Elantec Semiconductor EL2260CS Datasheet HTML 8Page - Elantec Semiconductor EL2260CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
EL2260CEL2460C
DualQuad 130 MHz Current Feedback Amplifiers
Open Loop DC Electrical Characteristics
Contd
VS e g15V RL e 150X TA e 25 C unless otherwise specified
Parameter
Description
Conditions
Temp
Limits
Test Level
Units
Min
Typ
Max
EL2260C
EL2460C
ROL
Transimpedance
VS e g15V
25 C
500
2000
I
k
X
(Note 4)
RL e 400X
TMIN TMAX
250
III
k
X
VS e g5V
25 C
500
1800
I
k
X
RL e 150X
TMIN TMAX
250
III
k
X
a
RIN
a
Input Resistance
Full
15
30
II
M
X
a
CIN
a
Input Capacitance
25 C
25
V
pF
CMIR
Common Mode Input Range
VS e g15V
25 C
g
135
V
V
VS e g5V
25 C
g
35
V
V
VO
Output Voltage Swing
RL e 400X
25 C
g
12
g
135
I
V
VS e g15V
TMIN TMAX
g
11
III
V
RL e 150X
25 C
g
12
V
V
VS e g15V
RL e 150X
25 C
g
30
g
37
I
V
VS e g5V
TMIN TMAX
g
25
III
V
ISC
Output Short Circuit
VS e g5V
25 C
60
100
150
I
mA
Current (Note 5)
VS e g15V
IS
Supply Current
VS e g15V
25 C
75
110
I
mA
(Per Amplifier)
TMIN TMAX
110
III
mA
VS e g5V
25 C
54
85
I
mA
TMIN TMAX
85
III
mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com