Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2360CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2360CS
Description  Triple 130 MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2360CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2360CS Datasheet HTML 1Page - Elantec Semiconductor EL2360CS Datasheet HTML 2Page - Elantec Semiconductor EL2360CS Datasheet HTML 3Page - Elantec Semiconductor EL2360CS Datasheet HTML 4Page - Elantec Semiconductor EL2360CS Datasheet HTML 5Page - Elantec Semiconductor EL2360CS Datasheet HTML 6Page - Elantec Semiconductor EL2360CS Datasheet HTML 7Page - Elantec Semiconductor EL2360CS Datasheet HTML 8Page - Elantec Semiconductor EL2360CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL2360C
Triple 130 MHz Current Feedback Amplifier
DC Electrical Characteristics V
S
e g
15V RLe150X TAe25 C unless otherwise specified
Contd
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
VO
Output Voltage Swing
VS e g15V RL e 400X
g
12
g
135
I
V
VS e g15V RL e 150X
g
12
V
V
VS e g5V RL e 150X
g
30
g
37
I
V
ISC
Output Short Circuit Current (Note 5)
VS e g5V g15V
60
100
150
I
mA
IS
Supply Current (per amplifier)
VS e g15V
80
113
I
mA
VS e g5V
57
88
I
mA
Note 5 A heat sink is required to keep junction temperature below absolute maximum when an output is shorted
AC Electrical Characteristics (Note 8) V
S
e g
15V AV ea2 RFeRGe560X RLe150X TAe25 C
unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
BW
b
3 dB Bandwidth
VS e g15V AV ea2
130
V
MHz
VS e g15V AV ea1
180
V
MHz
VS e g5V AV ea2
100
V
MHz
VS e g5V AV ea1
110
V
MHz
SR
Slew Rate (Note 6)
RLe 400X
1000
1500
IV
V
ms
RF e 1kX RG e 110X RLe 400X
1500
V
V
ms
tr tf
Rise Time Fall Time
VOUT e g500 mV
27
V
ns
tPD
Propagation Delay
VOUT e g500 mV
32
V
ns
OS
Overshoot
VOUT e g500 mV
0
V
%
tS
01% Settling Time
VOUT e g25V AV eb135
V
ns
dG
Differential Gain (Note 7)
RL e 150X
0025
V
%
RL e 500X
0006
V
%
dP
Differential Phase (Note 7)
RL e 150X
01
V
RL e 500X
0005
V
Note 6 Slew Rate is with VOUT from a10V to b10V and measured at a5V and b5V
Note 7 DC offset from b0714V to a0714V AC amplitude 286 mVPbP f e 358 MHz
Note 8 All AC tests are performed on a ‘‘warmed up’’ part except Slew Rate which is pulse tested
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com