Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315E Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
65
PCI Express
16.4.3
Differential Receiver (RX) Input Specifications
This table defines the specifications for the differential input at all receivers (RXs). The parameters are
specified at the component pins.
Table 55. Differential Receiver (RX) Input Specifications
Parameter
Symbol
Comments
Min
Typical
Max
Unit
Note
Unit interval
UI
Each UI is 400 ps ± 300 ppm. UI
does not account for Spread
Spectrum Clock dictated
variations.
399.88
400
400.12
ps
1
Differential peak-to-peak
output voltage
VRX-DIFFp-p
VRX-DIFFp-p = 2*|VRX-D+ - VRX-D-|
0.175
—
1.200
V
2
Minimum receiver eye width
TRX-EYE
The maximum interconnect
media and Transmitter jitter that
can be tolerated by the Receiver
can be derived as
TRX-MAX-JITTER = 1 - URX-EYE=
0.6 UI.
0.4
—
—
UI
2, 3
Maximum time between the
jitter median and maximum
deviation from the median.
TRX-EYE-MEDIAN-to-MAX-JI
TTER
Jitter is defined as the
measurement variation of the
crossing points (VRX-DIFFp-p = 0
V) in relation to a recovered TX
UI. A recovered TX UI is
calculated over 3500
consecutive unit intervals of
sample data. Jitter is measured
using all edges of the 250
consecutive UI in the center of
the 3500 UI used for calculating
the TX UI.
—
—
0.3
UI
2, 3, 7
AC peak common mode
input voltage
VRX-CM-ACp
VRX-CM-ACp = |VRXD+ + VRXD-|/2
- VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ +
VRX-D-|/2
——
150
mV
2
Differential return loss
RLRX-DIFF
Measured over 50 MHz to 1.25
GHz with the D+ and D- lines
biased at +300 mV and -300 mV,
respectively.
15
—
—
dB
4
Common mode return loss
RLRX-CM
Measured over 50 MHz to 1.25
GHz with the D+ and D- lines
biased at 0 V.
6—
—
dB
4
DC differential input
impedance
ZRX-DIFF-DC
RX DC differential mode
impedance.
80
100
120
5
DC Input Impedance
ZRX-DC
Required RX D+ as well as D-
DC Impedance (50 ± 20%
tolerance).
40
50
60
2, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com