Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4450CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4450CS
Description  Wideband Four-Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4450CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4450CS Datasheet HTML 1Page - Elantec Semiconductor EL4450CS Datasheet HTML 2Page - Elantec Semiconductor EL4450CS Datasheet HTML 3Page - Elantec Semiconductor EL4450CS Datasheet HTML 4Page - Elantec Semiconductor EL4450CS Datasheet HTML 5Page - Elantec Semiconductor EL4450CS Datasheet HTML 6Page - Elantec Semiconductor EL4450CS Datasheet HTML 7Page - Elantec Semiconductor EL4450CS Datasheet HTML 8Page - Elantec Semiconductor EL4450CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
EL4450C
Wideband Four-Quadrant Multiplier
Test Circuit
Typical Performance Curves
Closed-Loop AC Electrical Characteristics
Power Supplies at ±12V, TA = 25°C, RL = 500¾, CL = 15pF
Parameter
Description
Min
Typ
Max
Test Level
Units
BW, -3 dB
-3 dB Small-Signal Bandwidth, X or Y
90
V
MHz
BW, ±0.1 dB
0.1 dB Flatness Bandwidth
10
V
MHz
Peaking
Frequency Response Peaking
1.0
VdB
SR
Slew Rate, VOUT between -2V and +2V
300
400
I
V/µs
VN
Input-Referred Noise Voltage Density
100
V
nV/Hz
Note: For typical performance curves, RF = 0, RG = ×, VS = ±5V, RL = 500¾, and CL = 15 pF unless otherwise noted.
Transfer Function of X Input for
Various Y Inputs
Transfer Function of Y Input for
Various X Inputs
D44450B.fm Page 3 Tuesday, April 21, 1998 9:51 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com