Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6226PDTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6226PDTR
Description  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6226PDTR Datasheet HTML 13Page - STMicroelectronics L6226PDTR Datasheet HTML 14Page - STMicroelectronics L6226PDTR Datasheet HTML 15Page - STMicroelectronics L6226PDTR Datasheet HTML 16Page - STMicroelectronics L6226PDTR Datasheet HTML 17Page - STMicroelectronics L6226PDTR Datasheet HTML 18Page - STMicroelectronics L6226PDTR Datasheet HTML 19Page - STMicroelectronics L6226PDTR Datasheet HTML 20Page - STMicroelectronics L6226PDTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
L6226
Application information
Doc ID 9452 Rev 4
17/31
5
Application information
A typical application using L6226 is shown in Figure 14. Typical component values for the
application are shown in Figure 8. A high quality ceramic capacitor in the range of 100 to
200 nF should be placed between the power pins (VSA and VSB) and ground near the
L6226 to improve the high frequency filtering on the power supply and reduce high
frequency transients generated by the switching. The capacitors connected from the
ENA/OCDA and ENB/OCDB nodes to ground set the shut down time for the Bridge A and
Bridge B respectively when an over current is detected (see overcurrent protection). The two
current sources (SENSEA and SENSEB) should be connected to power ground with a trace
length as short as possible in the layout. To increase noise immunity, unused logic pins are
best connected to 5 V (high logic level) or GND (low logic level) (see pin description).
It is recommended to keep power ground and signal ground separated on PCB.
Figure 14.
Typical application
Table 8.
Component values for typical application
C1
100uF
D1
1N4148
C2
100nF
D2
1N4148
CBOOT
220nF
RCLA
5k
Ω
CP
10nF
RCLB
5k
Ω
CENA
5.6nF
RENA
100k
Ω
CENB
5.6nF
RENB
100k
Ω
CREF
68nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com