Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75813T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 75813T
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

75813T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  75813T Datasheet HTML 1Page - Sanyo Semicon Device 75813T Datasheet HTML 2Page - Sanyo Semicon Device 75813T Datasheet HTML 3Page - Sanyo Semicon Device 75813T Datasheet HTML 4Page - Sanyo Semicon Device 75813T Datasheet HTML 5Page - Sanyo Semicon Device 75813T Datasheet HTML 6Page - Sanyo Semicon Device 75813T Datasheet HTML 7Page - Sanyo Semicon Device 75813T Datasheet HTML 8Page - Sanyo Semicon Device 75813T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Overview
The LC75813E and LC75813T are 1/3 duty and 1/4 duty
general-purpose LCD drivers that can be used for
frequency display in electronic tuners under the control of
a microcontroller. The LC75813E and LC75813T can
drive an LCD with up to 344 segments directly. The
LC75813E and LC75813T can also control up to 8
general-purpose output ports. Since the LC75813E and
LC75813T use separate power supply systems for the
LCD drive block and the logic block, the LCD driver
block power-supply voltage can be set to any voltage in
the range 2.7 to 6.0 volts, regardless of the logic block
power-supply voltage.
Features
• Switching between 1/3 duty and 1/4 duty drive
techniques under serial data control.
• Switching between 1/2 bias and 1/3 bias drive
techniques under serial data control.
• Up to 261 segments for 1/3 duty drive and 344 segments
for 1/4 duty drive can be displayed.
• Serial data input supports CCB format communication
with the system controller.
• Serial data control of the power-saving mode based
backup function and all the segments forced off
function.
• Serial data control of switching between the segment
output port and the general-purpose output port
functions.
CMOS IC
Ordering number : ENN7159
20102RM (OT) No. 7159-1/26
LC75813E, 75813T
1/3, 1/4 Duty General-Purpose LCD Driver
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD max
VLCD
–0.3 to +7.0
VIN1
CE, CL, DI, INH
–0.3 to +7.0
Input voltage
VIN2
OSC
–0.3 to VDD + 0.3
V
VIN3VLCD1, VLCD2
–0.3 to VLCD + 0.3
Output voltage
VOUT1
OSC
–0.3 to VDD + 0.3
V
VOUT2
S1 to S87, COM1 to COM4, P1 to P8
–0.3 to VLCD + 0.3
IOUT1
S1 to S87
300
µA
Output current
IOUT2
COM1 to COM4
3
mA
IOUT3
P1 to P8
5
Allowable power dissipation
Pd max
Ta = 85°C
200
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
http://semicon.sanyo.com/en/network


Similar Part No. - 75813T

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
758 GREENLEE-758 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
758 GREENLEE-758 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Adafruit Industries
758 ADAFRUIT-758 Datasheet
190Kb / 2P
Premium Male/Male Jumper Wires - 40 x 6" (150mm)
7/23/2015
logo
Winchester Electronics ...
758-34-9 WINCHESTER-758-34-9 Datasheet
35Kb / 1P
SLEEVE, BAYONET, BNC
logo
Vitesse Semiconductor C...
758-36-101 VITESSE-758-36-101 Datasheet
74Kb / 1P
CAP ASSY, BNC ,M
More results

Similar Description - 75813T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
1/4 Duty General-Purpose LCD Driver
logo
Silan Microelectronics ...
SC75823 SILAN-SC75823 Datasheet
547Kb / 16P
1/3 DUTY GENERAL-PURPOSE LCD DRIVER
logo
Sanyo Semicon Device
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
1/3, 1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75847T SANYO-LC75847T Datasheet
307Kb / 27P
1/3, 1/4 Duty General-Purpose LCD Driver
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
1/4, 1/3-Duty General-Purpose LCD Display Driver
PT16527 PTC-PT16527 Datasheet
733Kb / 5P
1/3, 1/4 Duty General Purpose LCD Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com