Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4583CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4583CS
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4583CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4583CS Datasheet HTML 1Page - Elantec Semiconductor EL4583CS Datasheet HTML 2Page - Elantec Semiconductor EL4583CS Datasheet HTML 3Page - Elantec Semiconductor EL4583CS Datasheet HTML 4Page - Elantec Semiconductor EL4583CS Datasheet HTML 5Page - Elantec Semiconductor EL4583CS Datasheet HTML 6Page - Elantec Semiconductor EL4583CS Datasheet HTML 7Page - Elantec Semiconductor EL4583CS Datasheet HTML 8Page - Elantec Semiconductor EL4583CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
EL4583C
Sync Separator, 50% Slice, S-H, Filter, HOUT
Dynamic Characteristics
RF = 22kΩ, RSET = 681kΩ, VDD = 5V, Video Input = 1VP-P, TA = 25°C, CL = 15pF, IOH = -1.6mA, IOL = 1.6mA
Parameter
Description
Min
Typ
Max
Unit
Horizontal Pulse Width, Pin 15, tH
[1]
3.8
5
6.2
µs
Vertical Sync Width, Pin 5, tVS
[2]
195
µs
Burst/Back Porch Width, Pin 11, tB
[1]
2.7
3.7
4.7
µs
Filter Attenuation
FIN = 3.6MHz [3]
12
dB
Comp. Sync Prop. Delay, tCS
VIN (Pin 4)—Comp Sync
250
400
ns
Input Dynamic Range
p-p NTSC Signal
0.4
2
V
Slice Level
Input Voltage = 1Vp-p
40
50
60
%
VSLICE/VBLANK
40
50
60
Level Out, Pin 9
Input Voltage = 1Vp-p, Pin 4
500
600
700
mV
Vertical Sync Default Time, tVSD
[4]
27
36
57
µs
Loss of Signal Time-Out
Pin 10
400
600
800
µs
Burst/Back Porch Delay, tBD
See Figure 4
250
400
ns
1. Width is a function of RSET
2. c/s, Vertical, Back porch and H are all active low, VOH = 0.8V; vertical is 3H lines wide of NTSC signal
3. Attenuation is a function of RF. See filter typical characteristics
4. Vertical pulse width in absence of serrations on input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com