Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2K Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # US2K
Description  Surface Mount Ultra Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

US2K Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  US2K Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. US2K Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. US2K Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Ultrafast reverse recovery time
●
Low switching losses, high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC DO-214AA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
2.0 A
VRRM
50 V to 1000 V
IFSM
50 A
trr
50 nS , 75 nS
1.0 V , 1.3 V , 1.7 V
Tj max.
IF(AV)
VF
150 °C
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
pF
trr
75
VF
1.7
V
1.0
1.3
5
nS
IR
μA
Operating junction and storage temperature
range
TJ ,TSTG
–55 to +150
℃
Symbol
US2J~US2M
UNIT
50
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
50
A
Thermal resistance from junction to lead
(1)
RθJL
25
℃/ W
800
1000
V
Maximum average forward rectified current
IF(AV)
2.0
A
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
US2K US2M
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Symbol US2A US2B US2D US2G US2J
CJ
j
TA=25℃
Items
Instantaneous forward voltage
Reverse recovery time
US2A~US2D
US2G
Items
50
15
Typical junction capacitance
Reverse current
Test conditions
IF=2.0 A
(2)
VR=VDC
TA=100℃
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
4.0 V ,1MHz
http://www.trr-jx.com
US2A-US2M
Surface Mount Ultra Fast Rectifiers


Similar Part No. - US2K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2K SSE-US2K Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2K DIOTEC-US2K Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2K WEITRON-US2K Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2K DIOTEC-US2K Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2K SEMIKRON-US2K Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2K

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
Surface Mount Ultra Fast Rectifiers
US2AF JUXING-US2AF Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US1ABF JUXING-US1ABF Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com