Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFXF9503 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFXF9503
Description  Frequency Range: 3 MHz to 3000MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFXF9503 Datasheet(HTML) 2 Page - RF Micro Devices

  RFXF9503 Datasheet HTML 1Page - RF Micro Devices RFXF9503 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
DS101011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFXF9503
170
172
174
176
178
180
182
184
186
188
190
0
300
600
900 1200 1500 1800 2100 2400 2700 3000
Deg
Frequency (MHz)
Phase Balance
S31-S21
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
300
600
900 1200 1500 1800 2100 2400 2700 3000
dB
Frequency (MHz)
Amplitude Balance
S31-S21
Pin Out
Pin
Name
1Secondary
2NC
3Secondary Dot
4Primary Dot
5Primary
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause
permanent damage to the device. Extended application of Absolute Maximum Rating condi-
tions to the device may reduce device reliability. Specified typical performance or functional
operation of the device under Absolute Maximum Rating conditions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringe-
ment of patents, or other rights of third parties, resulting from its use. No license is granted
by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the
right to change component circuitry, recommended application circuitry and specifications
at any time without prior notice.
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Power
2
W
Operating Temperature
-40 to +85
°C
Storage Temperature
-55 to +100
°C
S20 Package Drawing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com