Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDCM Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RDCM
Description  Rail Depth Cable Manager
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RDCM Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RDCM Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rail Depth Cable Manager RDCM Series
Features
Constructed in 16-gauge steel.
Free-floating design allows manager to fully adjust in depth.
Cable pass-through holes are evenly spaced.
The universal design allows the manager to support cables on
both racks and cabinets.
Specifically designed for use with the
Hammond C4F30*, C4RR30* and 4-Post Racks
Easily mounts to EIA mounting rails.
Cable tie-off slots help keep cables managed.
Sold individually.
Requires two pairs of mounting rails to install.
Finished in smooth black powder paint.
Requires mounting hardware.
Tested to nearly double the suggested cable load rating of 100
lbs.
RoHS Compliant.
Manufactured in North America.
Part No.
Overall Dimensions
Rack
Height
Width
Min Depth
Max Depth
Units
RA A B2436BK
3.00
3.95
21.50
36.50
2U
RA A B3648BK
3.00
3.95
33.50
48.50
2U
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.
Des produits de qualité. L'excellence du service.


Similar Part No. - RDCM

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RDCM2136 HAMMOND-RDCM2136 Datasheet
201Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RDCM2136BK HAMMOND-RDCM2136BK Datasheet
201Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RDCM3348 HAMMOND-RDCM3348 Datasheet
231Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RDCM3348BK HAMMOND-RDCM3348BK Datasheet
231Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RDCM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMT4214 SUMMIT-SMT4214 Datasheet
503Kb / 20P
Expandable Four-Rail Tracking Manager
logo
Tripp Lite. All Rights ...
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
logo
Texas Instruments
UCD90240 TI1-UCD90240 Datasheet
1Mb / 49P
UCD90240 24-Rail PMBus Power Sequencer and System Manager
UCD90320 TI1-UCD90320 Datasheet
375Kb / 14P
UCD90320 32-Rail PMBus??Power Sequencer and System Manager
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
32-Rail PMBus Power Sequencer and System Manager
logo
TE Connectivity Ltd
1-1773947-8 TEC-1-1773947-8 Datasheet
353Kb / 4P
RAIL DATA CABLE
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
Battery Manager
2014
logo
Kendall Howard
1903-3-100-01 KENDALLHOWARD-1903-3-100-01 Datasheet
70Kb / 1P
1U TOOL LESS 5 D-RING CABLE MANAGER
1903-3-100-02 KENDALLHOWARD-1903-3-100-02 Datasheet
72Kb / 1P
2U TOOL LESS 5 D-RING CABLE MANAGER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com