Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5191CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL5191CS
Description  1GHz Current Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5191CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL5191CS Datasheet HTML 4Page - Elantec Semiconductor EL5191CS Datasheet HTML 5Page - Elantec Semiconductor EL5191CS Datasheet HTML 6Page - Elantec Semiconductor EL5191CS Datasheet HTML 7Page - Elantec Semiconductor EL5191CS Datasheet HTML 8Page - Elantec Semiconductor EL5191CS Datasheet HTML 9Page - Elantec Semiconductor EL5191CS Datasheet HTML 10Page - Elantec Semiconductor EL5191CS Datasheet HTML 11Page - Elantec Semiconductor EL5191CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
EL5191C
1GHz Current Feedback Amplifier
Typical Performance Curves
Output Voltage Swing vs Frequency
THD<1%
1
Frequency (MHz)
10
100
200
10
0
2
4
6
8
1
Frequency (MHz)
10
100
10
0
2
4
6
8
Output Voltage Swing vs Frequency
THD<0.1%
RL=150Ω
RL=500Ω
RL=150Ω
RL=500Ω
AV=2
AV=2
Small Signal Step Response
Large Signal Step Response
200mV/div
10ns/div
1V/div
10ns/div
VS=±5V
RL=150Ω
AV=2
RF=RG=250Ω
VS=±5V
RL=150Ω
AV=2
RF=RG=250Ω
0.01
0.1
1
Settling Accuracy (%)
Settling Time vs Settling Accuracy
25
20
15
10
5
0
AV=2
RF=RG=250Ω
RL=150Ω
VSTEP=5VP-P output
Transimpedance (RoI) vs Temperature
375
350
325
300
275
250
225
200
-40
10
60
110
160
Die Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com