Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5210CS Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL5210CS
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5210CS Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL5210CS Datasheet HTML 6Page - Elantec Semiconductor EL5210CS Datasheet HTML 7Page - Elantec Semiconductor EL5210CS Datasheet HTML 8Page - Elantec Semiconductor EL5210CS Datasheet HTML 9Page - Elantec Semiconductor EL5210CS Datasheet HTML 10Page - Elantec Semiconductor EL5210CS Datasheet HTML 11Page - Elantec Semiconductor EL5210CS Datasheet HTML 12Page - Elantec Semiconductor EL5210CS Datasheet HTML 13Page - Elantec Semiconductor EL5210CS Datasheet HTML 14Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
EL5210C/EL5410C
30MHz Rail-to-Rail Input-Output Op Amps
Figure 3. Package Power Dissipation vs
Ambient Temperature
Figure 4. Package Power Dissipation vs
Ambient Temperature
Unused Amplifiers
It is recommended that any unused amplifiers in a dual
and a quad package be configured as a unity gain fol-
lower. The inverting input should be directly connected
to the output and the non-inverting input tied to the
ground plane.
Driving Capacitive Loads
The EL5210C and EL5410C can drive a wide range of
capacitive loads. As load capacitance increases, how-
ever, the -3dB bandwidth of the device will decrease and
the peaking increase. The amplifiers drive 10pF loads in
parallel with 1k
Ω with just 1.2dB of peaking, and 100pF
with 6.5dB of peaking. If less peaking is desired in these
applications, a small series resistor (usually between 5
Ω
and 50
Ω) can be placed in series with the output. How-
ever, this will obviously reduce the gain slightly.
Another method of reducing peaking is to add a "snub-
ber" circuit at the output. A snubber is a shunt load
consisting of a resistor in series with a capacitor. Values
of 150
Ω and 10nF are typical. The advantage of a snub-
ber is that it does not draw any DC load current or
reduce the gain
Power Supply Bypassing and Printed Circuit
Board Layout
The EL5210C and EL5410C can provide gain at high
frequency. As with any high-frequency device, good
printed circuit board layout is necessary for optimum
performance. Ground plane construction is highly rec-
ommended, lead lengths should be as short as possible
and the power supply pins must be well bypassed to
reduce the risk of oscillation. For normal single supply
operation, where the VS- pin is connected to ground, a
0.1µF ceramic capacitor should be placed from VS+ to
pin to VS- pin. A 4.7µF tantalum capacitor should then
be connected in parallel, placed in the region of the
amplifier. One 4.7µF capacitor may be used for multiple
devices. This same capacitor combination should be
placed at each supply pin to ground if split supplies are
to be used.
50
150
400
800
Ambient Temperature (°C)
0
100
0
1200
25
75
1000
600
200
125
85
MAX TJ=125°C
TSSOP14
θJA=100°C/W
SO8
θJA=110°C/W
Packages Mounted on a JEDEC JESD51-7 High
Effective Thermal Conductivity Test Board
1.0W
1.136W
909mW
833mW
SO14
θJA=88°C/W
MSOP8
θJA=115°C/W
50
150
400
800
Ambient Temperature (°C)
0
100
0
125
1200
25
75
1000
600
200
85
MAX TJ=125°C
TSSOP14
θJA=165°C/W
SO8
θJA=160°C/W
MSOP8
θJA=206°C/W
SO14
θJA=120°C/W
Packages Mounted on a JEDEC JESD51-3 Low
Effective Thermal Conductivity Test Board
833mW
606mW
625mW
485mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com