Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJSSE508002 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # RJSSE508002
Description  Modular jacks available in RJ45 & RJ11 styles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJSSE508002 Datasheet(HTML) 3 Page - Amphenol Corporation

  RJSSE508002 Datasheet HTML 1Page - Amphenol Corporation RJSSE508002 Datasheet HTML 2Page - Amphenol Corporation RJSSE508002 Datasheet HTML 3Page - Amphenol Corporation RJSSE508002 Datasheet HTML 4Page - Amphenol Corporation RJSSE508002 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XX
-
X
XX
0
Shield Option
Plating Option
Flange Option
Modifier
RJE05
X
X
-
X
X1
0
Shield Option
Plating Option
Flange Option
Modifier
RJE09
-
X
XX
0
Shield Option
Plating Option
Flange Option
Modifier
RJSAE
X
X
X
Shield & filter Option
Number of Contacts
LED Option
RJSVE
X
X
X
Shielding
Number of Contacts
LED Option
RJHSE
RJHSE
X
-
X
XX
Number of Contacts
LED Option
Housing Colour
Number of Ports
RJE06
8
8
-
X
XX
0
# of Postions
# of Contacts
Shield Option
Plating
Flange Option
Modifier
RJE08
X
X
-
0
XX
0
# of Postions
# of Postions
Place Holder
Plating
Flange Option
Modifier
RJE23
X
X
-
X
XX
0T
# of Postions
# of Contacts
Shield Option
Plating
Flange Option
Modifier
0 = Standard
0 = Standard
XX = 02 for 1 over 1
XX = 04 for 2 over 2
XX = 08 for 4 over 4
X = 0 for Black
X = 6 For Grey
X = 1 with Flange
2 = Without Flange
X = 1 with Flange
2 = Without Flange
XX = 01 for 1 port
XX = 04 for 4 port
XX = 05 for 5 port
XX = 08 for 8 port Dual Row
XX = 0A for 10 port Dual Row
Typical Part Number Structure for Single Row - RJHSE-XXXX-XXX
X = 5 For Dual Row RJ45
X = 7 For Dual Row RJ11
X = P For press fit contact RJ45
0 = Standard
1 = No Flange
0 = Standard
0 = Standard
1 = No Flange
X = 0 Without Flange
X = 1 Flange Present
Vertical RoHS Compliant Modular Jacks with Shield and LED options in RJ45 and RJ11 Configurations
X
X = 2 to 8 (RJ45)
X = 2 to 6 (RJ11)
RJ45 RJ11
X=3 X=7
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
Tab Down Right Angle Single and Multiport RoHS Compliant Modular Jacks with Shield, LED and Filter Options in RJ45 and RJ11 Configurations
Typical Part Number Structure - RJE05-1XX-XX10
Typical Part Number Structure for Single & Multi Port - RJE09-XXX-XXXX
- 1
# of Ports
# of Positions
# of Contacts
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
# of Ports # of Positions # of Contacts
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
X = 0 For No Shield
X = 1 For Shield
XXX = 188 for single port 8P8C
XXX = 1AA for single port 10P10C
XXX = 288 for dual port 8P8C
XXX = 488 for quad port 8P8C
XXX = 688 for six port 8P8C
XXX = 888 for octal port 8P8C
X = 0 For No Shield
X = 1 For Shield
X=8 for RJ45
X=6 for RJ11
X=4 for RJ9
X=A for RJ50
X = 4, 6 or 8
X = 4 or 6
X = 2 or 4
X = 10
X
Stacked Right Angle and Vertical RoHS Compliant Modular Jacks with Shield, LED and Filter Options in RJ45 and RJ11 Configurations
Typical Part Number Structure - RJSAE-XXXX-XX
1
-
XXX
X = 4
X = 5
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
Shield Option
X = 0 No Shield
X = 3 Shield
X = P Shield
LED Option
Number of Contacts
8
RJ45 RJ11
X=N X=D
# of Ports
1
- 1
Typical Part Number Structure - RJE06-188-XXX0
8
X = 0 No Shield
X = 1 Shield
X = 1 to 8
- X
-
X
X = 3 For Shield
X = 0 For No Shield
X = 1 to 8 (RJ45)
X = 1 to 6 (RJ11)
X
Shield Option
X = 0 No Shield
X = 3 Shield + Top & Side Tabs
X = 4 Shield + Side Tabs Only
X = 5 Shield + No Tabs
X = 6 Shield + Top Tabs Only
X
X = 0 For No Shield
X = 1 For Shield
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
Typical Part Number Structure - RJHSE-XXXX
Type
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
-
X
-
XX
# of ports
-
XX
# of ports
Typical Part Number Structure for Dual Row - RJSVE-XXXX-XX
X = 0 No Shield
X = 2 Shield + Filter
X = 3 Shield
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
Typical Part Number Structure - RJE23-1XX-XXX0T
X = 0 for No Shield
X = 1 for Shield
- 1
- 1
X = 8 for 8
X = 6 for 6
X = 4 for 4
X = 2 for 2
1
X = A for 10
X = 8 for 8
X = 6 for 6
X = 4 for 4
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
X = 1 With Flange
X = 2 No Flange
Typical Part Number Structure - RJE08-1XX-0XX0
0T = Standard part
packed in Tape and
Reel
0 = Standard
X = A for 10
X = 8 for 8
X = 6 for 6
X = 4 for 4
1
X = 8 for 8
X = 6 for 6
# of Ports
# of Ports
RJE03
- 1
Typical Part Number Structure - RJE03-1XX-XXX0
- X
X = 1 to 8 (RJ45)
X = 1 to 6 (RJ11)
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
Type
X = 5 for RJ45
X = 7 for RJ11
1
# of Ports
# of Positions
# of Contacts
X=8 for RJ45
X=6 for RJ11
X=4 for RJ9
X=A for RJ50
X = 4, 6 or 8
X = 4 or 6
X = 2 or 4
X = 10
www.amphenolacp.com
Modular Jacks
ACPRJHC07



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com