Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5285CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL5285CS
Description  Dual and Window 4ns High-Speed Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5285CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL5285CS Datasheet HTML 1Page - Elantec Semiconductor EL5285CS Datasheet HTML 2Page - Elantec Semiconductor EL5285CS Datasheet HTML 3Page - Elantec Semiconductor EL5285CS Datasheet HTML 4Page - Elantec Semiconductor EL5285CS Datasheet HTML 5Page - Elantec Semiconductor EL5285CS Datasheet HTML 6Page - Elantec Semiconductor EL5285CS Datasheet HTML 7Page - Elantec Semiconductor EL5285CS Datasheet HTML 8Page - Elantec Semiconductor EL5285CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
EL5285C - Preliminary
Dual and Window 4ns High-Speed Comparators
Typical Performance Curves
Supply Current vs Supply Voltage
(per comparator)
0
1
2
3
4
5
6
10
8
6
4
2
0
±VS (V)
IS+
IS-
VIN=50mV
RL=2.2k
Offset Voltage vs Temperature
-50
-30
10
30
50
70
90
3
2.5
1.5
1
0.5
0
Temperature (°C)
2
-10
Output Low Voltage vs Temperature
-50
-30
10
30
50
70
90
0.285
0.235
Temperature (°C)
-10
0.275
0.255
0.245
0.265
Output High Voltage vs Temperature
-50
-30
10
30
50
70
90
4.832
4.83
4.826
4.822
4.82
4.818
Temperature (°C)
4.828
4.824
-10
Input Bias Current vs Temperature
-50
-30
30
50
90
8
7
3
2
1
0
Temperature (°C)
5
-10
Supply Current vs Temperature
(per comparator)
-50
10
70
90
12
11
8
6
Temperature (°C)
-30
7
50
10
70
6
4
10
9
30
-10
IS+
IS-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com