Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS52L Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS52L
Description  Surface Mount Low VF Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS52L Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS52L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS52L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.5
0
50
Resistive or
inductive Load
5.0
60 70 80 90 100 110 120 130 140 150 160 170
TJ = 125
TJ = 25
0
20
40
60
80
100
120
140
.
01
.
05
.1
.5
10
1
.0
5
.0
TJ =25
Pulse width=300 s
1%
duty Cycle
.
1
.
3
.
5
.
7
.
9
1.1
1.3
1.5
1
.7
1.
9
2.1
.1
1
10
20
SS52L-SS54L
SS55L-SS56L
SS58L-SS510L
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
AMBIENT TEMPERATURE ℃
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
0
1
100
10
8.3ms Single Half Sine Wave
TJ=125
3
5
70
105
140
175
PCB MOUNTED ON
0.6X0.6"(16X16mm)
COPPER PAD AREAS
http://www.trr-jx.com
Characteristic Curves (TA=25 ℃ unless otherwise noted)
SS52L THRU SS510L
Surface Mount Low VF Schottky Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com