Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS35 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS35
Description  Surface Mount Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS35 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS35 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS35 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVELOAD
SS35-SS320
SS32-SS34
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
NUMBER OF CYCLES AT 60 Hz
AT RATED TL
8.3mS Single Half Sine Wave
JEDEC Method
SS32-SS34
SS35-SS320
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25
TA=75
TA=125
SS32-SS34
SS35-SS320
FIG. 5 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
SS32-SS34
SS35-SS36
SS39-SS320
TA=25
f=1.0MHz
Vsig=50mVp-p
FIG. 3 TYPICAL FORWARD CHARACTERISRICS
FORWARD VOLTAGE (V)
SS32-SS34
SS35-SS36
SS39-SS310
PULSE WIDTH=300uS
1% DUTY CYCLE
SS315-SS320
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
T-PULSE DURATION(s)
http://www.trr-jx.com
SS32~SS320
Surface Mount Schottky Rectifiers
Characteristic Curves (TA=25 ℃ unless otherwise noted)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com