Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2CM-2LAV Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # K2CM-2LAV
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-2LAV Datasheet(HTML) 2 Page - Omron Electronics LLC

  K2CM-2LAV Datasheet HTML 1Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 2Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 3Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 4Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 5Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 6Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 7Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 8Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
K2CM
2
Current Reverse-phase Detection Models
Note: The manual resetting method must be used with reverse-phase detection.
■ Related Product
Transformer
Note: Use this Transformer when a voltage reverse-phase detection model is used on a 400-V line.
Specifications
■ Ratings
Other features, such as 100% overcurrent capacity and flush mounting are also available. See Model Number Legend on page 1 for details.
Note: The start-up lock timer restarts when the operating value at starting becomes less than 30% of the set current value.
Time specification
Inverse type
Instantaneous type
Resetting
method
Current setting range
2 to 8 A
8 to 26 A
20 to 65 A 50 to 160 A
2 to 8 A
8 to 26 A
20 to 65 A
50 to 160 A
Operating voltage
Manual
100/110/120 VAC
K2CM-1LS
K2CM-1L
K2CM-1M
K2CM-1H
K2CM-Q1LS
K2CM-Q1L
K2CM-Q1M
K2CM-Q1H
200/220/240 VAC
K2CM-2LS
K2CM-2L
K2CM-2M
K2CM-2H
K2CM-Q2LS
K2CM-Q2L
K2CM-Q2M
K2CM-Q2H
400/440 VAC
---
K2CM-4L
K2CM-4M
K2CM-4H
---
K2CM-Q4L
K2CM-Q4M
K2CM-Q4H
Automatic
(See
note.)
100/110/120 VAC
K2CM-1LSA K2CM-1LA K2CM-1MA K2CM-1HA K2CM-Q1LSA K2CM-Q1LA K2CM-Q1MA K2CM-Q1HA
200/220/240 VAC
K2CM-2LSA K2CM-2LA K2CM-2MA K2CM-2HA K2CM-Q2LSA K2CM-Q2LA K2CM-Q2MA K2CM-Q2HA
400/440 VAC
---
K2CM-4LA K2CM-4MA K2CM-4HA ---
K2CM-Q4LA K2CM-Q4MA K2CM-Q4HA
Model
Voltage specification
Secondary power
consumption
SE-PT400
Primary side
380 to 480 V (wide power supply range) 7VA
Secondary side
190 to 240 V (wide power supply range)
Supply voltage of motor circuit
200/220, 400/440 VAC, 50/60 Hz
Supply voltage of control circuit
100/110/120, 200/220/240, 400/440 VAC, 50/60 Hz
Insulation breakdown of output contact
500 VAC
Operating voltage/current of output contact
(pf = 0.4 when breaking contact)
NO contact: 120 VAC/2 A, 240 VAC/1 A, 440 VAC/0.5 A, 110 VDC/0.2 A, 220 VDC/0.1 A
NC contact: 120 VAC/5 A, 240 VAC/2 A, 440 VAC/1 A, 110 VDC/0.2 A, 220 VDC/0.1 A
Contact form of output contact
Current reverse-phase detection models: SPST-NO + SPST-NC
Voltage reverse-phase detection models: SPDT
Operating current range of input circuit
2 to 160 A (Number of passes: 1)
Operating voltage range of control circuit
85% to 110% of rated voltage, but operates normally at 50% of open-phase supply voltage
Operating frequency range of control circuit 95% to 105% of rated frequency
Power consumption
Approx. 3 VA (in standby state); 5 VA (in operating state)
Overcurrent function operating value
115
±10% of the setting value
Overcurrent function operating time setting
range
Inverse Type
Inverse time both at startup and during operation:
Timer scale
× 1 (s) at 600% overload
Timer scale
× 3 (s) at 200% overload
Note: The above values are for a time factor setting of 1.
Instantaneous Type
Fixed time at starting (start-up lock)
• Time setting value (varies between 2 and 40 s) at 140% overload and starting
Instantaneous during operation: 0.5 s max. (when current is increased from 100 to 140% of the
set current value)
Case color
Munsell 5Y7/1
Overcurrent function operating time
characteristics
Inverse type:
±10% of maximum setting value (at 600% overload)
Instantaneous type:
±20% of maximum setting value (at 140% overcurrent and at starting)
Overcurrent function resetting value
100% min. of the setting value
Overcurrent function start-up operating
value
Inverse type: Not applicable
Instantaneous type: 30% max. of the setting value (See note.)
Open-phase operating value
85% max. of the set current value (at open-phase)
Open-phase operating time
2 s max. (at overcurrent operating value)
Reverse-phase operating value
50% max. of the current value (80% max. of the operating voltage)
Reverse-phase operating time
1 s max. (at overcurrent operating value)
Imbalance operating value
85% of the set current value
Current imbalance factor
High: 35
±10%; Low: 60% min. (at overcurrent operating value)
where
Imbalance factor =
Reverse phase portion
Normal phase portion
× 100 (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com