Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3H Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES3H
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES3H Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES3H Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES3H Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES3H Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Glass passivated chip junctions
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low profile package
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC DO-214AA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
100 A
35 nS
VF
0.95 V, 1.25 V, 1.7 V
Tj max.
150 °C
IF(AV)
3.0 A
VRRM
50 V to 600 V
IFSM
trr
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
ES3D
ES3E
Items
Symbol
ES3A
ES3G
ES3H
ES3J
UNIT
100
150
200
300
ES3B
ES3C
400
500
600
V
70
105
140
210
420
V
100
150
200
300
A
℃
/ W
Thermal resistance from junction to
lead
(1)
RθJL
400
500
600
V
A
Maximum DC blocking voltage
℃
Items
Test conditions
Symbol
ES3A~D
ES3E~G
ES3H~J
UNIT
Maximum Instantaneous
forward voltage
IF=3A
(2)
VF
0.95
1.25
1.70
V
Maximum reverse current
VR=VDC
TA=25℃
IR
5
μA
TA=100℃
50
Reverse recovery time
IF=0.5A IR=1A
Irr=0.25A
trr
35
nS
Typical junction
capacitance
4.0 V ,1MHz
CJ
45
pF
100
Maximum repetitive peak reverse
voltage
VRRM
50
Maximum RMS voltage
VRMS
35
VDC
280
350
25
Operating junction and storage
temperature range
TJ, TSTG
–55 to +150
50
Maximum average forward rectified
current
IF(AV)
3
Peak forward surge current 8.3 ms
single half sine-wave superimposed
on rated load
IFSM
http://www.trr-jx.com
ES3A-ES3J
Surface Mount Superfast Rectifiers


Similar Part No. - ES3H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES3H TSC-ES3H Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3H TSC-ES3H Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
ES3H TSC-ES3H Datasheet
601Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
ES3H TSC-ES3H Datasheet
229Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3H LUGUANG-ES3H Datasheet
243Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3H

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
ES1A LEIDITECH-ES1A Datasheet
395Kb / 3P
Surface Mount Superfast Rectifiers
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com