Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 15 Page - Intel Corporation

Part # 80960JF
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 11Page - Intel Corporation 80960JF Datasheet HTML 12Page - Intel Corporation 80960JF Datasheet HTML 13Page - Intel Corporation 80960JF Datasheet HTML 14Page - Intel Corporation 80960JF Datasheet HTML 15Page - Intel Corporation 80960JF Datasheet HTML 16Page - Intel Corporation 80960JF Datasheet HTML 17Page - Intel Corporation 80960JF Datasheet HTML 18Page - Intel Corporation 80960JF Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
15
3.0
Packaging Information
3.1
Available Processors and Packages
The 80960Jx is offered in various speed grades and three package types.
The 132-pin Pin Grid Array (PGA) device is specified for operation at VCC = 3.3 V ± 0.15 V over
a case temperature range of 0° C to 100° C. The following processor versions are available in the
PGA package:
For pinout diagrams for the PGA package, see Section 3.2.2, “80960Jx 132-Lead PGA Pinout” on
page 23.
The 132-pin Plastic Quad Flatpack (PQFP) devices are specified for operation at
VCC = 3.3 V ± 0.15 V over a case temperature range of 0° C to 100° C. Table 4 presents 80960Jx
processor versions that are available in the 132-pin PQFP package:
For pinout diagrams of the PQFP package, see Section 3.2.3, “80960Jx 132-Lead PQFP Pinout” on
page 27.
Extended temperature devices are specified for operation at VCC = 3.3 V ± 0.15 V over a case
temperature range of -40° C to 100° C. Table 5 presents 80960Jx processor versions that are
available in the extended temperature 132-pin PQFP package and MPBGA package:
Table 3. 80960Jx Processors Available in 132-Pin PGA Package
Processor
Core Speed
Bus Speed
x80960JD-66
66 MHz
33 MHz
x80960JD-33
33 MHz
16 MHz
x80960JA/JF-33
33 MHz
33 MHz
x80960JF-25
25 MHz
25 MHz
Table 4. 80960Jx Processors Available in 132-Pin PQFP Package
Processor
Core Speed
Bus Speed
x80960JT-100
100 MHz
33 MHz
x80960JC-66
66 MHz
33 MHz
x80960JC-50
50 MHz
25 MHz
x80960JS-33
33 MHz
33 MHz
x80960JS-25
25 MHz
25 MHz
x80960JD-66
66 MHz
33 MHz
x80960JD-40
40 MHz
20 MHz
x80960JA/JF-33
33 MHz
33 MHz
x80960JA/JF-25
25 MHz
25 MHz
x80960JA-16
16 MHz
16 MHz
NOTE: To address the fact that many of the package prefix variables have changed, all package prefix
variables in this document are now indicated with an "x".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com