Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101CWS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SD101CWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD101CWS Datasheet(HTML) 2 Page - Diodes Incorporated

  SD101CWS Datasheet HTML 1Page - Diodes Incorporated SD101CWS Datasheet HTML 2Page - Diodes Incorporated SD101CWS Datasheet HTML 3Page - Diodes Incorporated SD101CWS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD101AWS – SD101CWS
Document number: DS30078 Rev. 12 - 2
2 of 4
www.diodes.com
January 2012
© Diodes Incorporated
SD101AWS – SD101CWS
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
SD101AWS
SD101BWS
SD101CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current (Note 4)
IFM
15
mA
Non-Repetitive Peak Forward Surge Current
@ t
≤ 1.0s
@ t = 10
μs
IFSM
50
2.0
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 5)
SD101AWS
V(BR)R
60
⎯
⎯
V
IR = 10μA
SD101BWS
50
⎯
⎯
IR = 10μA
SD101CWS
40
⎯
⎯
IR = 10μA
Forward Voltage Drop
SD101AWS
VFM
⎯
⎯
0.41
V
IF = 1.0mA
SD101BWS
⎯
⎯
0.40
IF = 1.0mA
SD101CWS
⎯
⎯
0.39
IF = 1.0mA
SD101AWS
⎯
⎯
1.00
IF = 15mA
SD101BWS
⎯
⎯
0.95
IF = 15mA
SD101CWS
⎯
⎯
0.90
IF = 15mA
Peak Reverse Current (Note 5)
SD101AWS
IRM
⎯
⎯
200
nA
VR = 50V
SD101BWS
⎯
⎯
200
VR = 40V
SD101CWS
⎯
⎯
200
VR = 30V
Total Capacitance
SD101AWS
CT
⎯
⎯
2.0
pF
VR = 0V, f = 1.0MHz
SD101BWS
⎯
⎯
2.1
VR = 0V, f = 1.0MHz
SD101CWS
⎯
⎯
2.2
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
1.0
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com