Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2P3L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS2P3L
Description  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P3L Datasheet(HTML) 1 Page - Vishay Siliconix

  SS2P3L Datasheet HTML 1Page - Vishay Siliconix SS2P3L Datasheet HTML 2Page - Vishay Siliconix SS2P3L Datasheet HTML 3Page - Vishay Siliconix SS2P3L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88916
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low VF High Current Density Surface Mount
Schottky Barrier Rectifiers
SS2P2L, SS2P3L
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheelling, DC/DC converters, and polarity protection
applications.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS
compliant,
andcommercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
20 V, 30 V
IFSM
50 A
EAS
11.25 mJ
VF
0.45 V
TJ max.
150 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2P2L
SS2P3L
UNIT
Device marking code
22L
23L
Maximum repetive peak reverse voltage
VRRM
20
30
V
Maximum average forward rectified current (fig. 1)
IF(AV)
2.0
A
Peak forward surge current 10 ms single half sine-wave superimposed
on rated load
IFSM
50
A
Non-repetitive avalanche energy at IAS = 1.5 A, L = 10 mH, TJ = 25 °C
EAS
11.25
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS2P3L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2P3L VISHAY-SS2P3L Datasheet
91Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
16-May-07
SS2P3L VISHAY-SS2P3L Datasheet
84Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS2P3L VISHAY-SS2P3L Datasheet
84Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
13-Apr-15
SS2P3L VISHAY-SS2P3L Datasheet
79Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
13-Apr-15
SS2P3L VISHAY-SS2P3L Datasheet
101Kb / 5P
Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
08-Mar-2022
More results

Similar Description - SS2P3L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2P2L VISHAY-SS2P2L Datasheet
91Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
16-May-07
SS1P3L VISHAY-SS1P3L_11 Datasheet
89Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS2P2L VISHAY-SS2P2L_11 Datasheet
84Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS3P5L VISHAY-SS3P5L_11 Datasheet
97Kb / 5P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS2P2L-M3-84A VISHAY-SS2P2L-M3-84A Datasheet
86Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS1P3L-M3 VISHAY-SS1P3L-M3 Datasheet
90Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS2P2L VISHAY-SS2P2L_15 Datasheet
79Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
13-Apr-15
SS3P5L VISHAY-SS3P5L_V01 Datasheet
108Kb / 5P
Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
24-Apr-2020
SS1P3L VISHAY-SS1P3L_V01 Datasheet
138Kb / 5P
Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
08-Mar-2022
SS2P2L VISHAY-SS2P2L_V01 Datasheet
101Kb / 5P
Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
08-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com